Electronic Components Datasheet Search
  English  ▼

X  

AP3984 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3984 Datasheet HTML 5Page - Diodes Incorporated AP3984 Datasheet HTML 6Page - Diodes Incorporated AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated AP3984 Datasheet HTML 10Page - Diodes Incorporated AP3984 Datasheet HTML 11Page - Diodes Incorporated AP3984 Datasheet HTML 12Page - Diodes Incorporated AP3984 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
9 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
Operation Description (Cont.)
During AM, the frequency is fixed, assume VO and η are constants, we can get
O
CS
I
k
V
(
SW
p
O
CS
f
L
V
R
k
2
2
) ………(14)
NL Mode Operation
At no load and ultra light load, the AP3984 works at no load mode (NL mode) and the output voltage is detected by AP4341. In order to achieve
ultra low standby power at NL mode, the static current (ICC_NL) of the AP3984 is reduced to 17.5μA.
• The conditions of exiting NL mode---VCPC>60mV or tOFF<256μs
• The conditions of entering NL mode-- VCPC<60mV and tOFF≥256μs
At NL mode, the internal reference voltage VDD is pulled to ground. For normal NL working state, there are two mechanisms that make the
AP3984 re-establish the VDD, then generate the PFM pulse to turn on primary switch. One is when the AP4341 detects the output voltage is lower
than its trigger voltage. The AP4341 OUT pin emits a periodical pulse current. This pulse current will generate a pulse voltage on feedback
winding through the transformer coupling. When the FB pin of AP3984 detects this pulse (>75mV is valid), the AP3984 re-establishes the VDD and
turns on primary switch to provide one energy pulse to supply output terminal and primary VCC voltage. The other is when VCC voltage of the
AP3984 lower than LVCC voltage (about 7.5V). To achieve low standby power, the lower switching frequency is necessary. But if the off time is
too long, the VCC voltage will reduce to very low level. This mechanism is better to avoid VCC voltage being lower than VOPR(MIN).
Leading Edge Blanking
When the power switch is turned on, a turn-on spike will occur on the sense-resistor. To avoid false-termination of the switching pulse, a 500ns
leading-edge blanking is built in. During this blanking period,
the current sense comparator is disabled and the driver can’t be switched off.
Valley Turn-on
When the off time (tOFF) is lower than tVAL-ON, AP3984 power system can work with valley turn-on. It can reduce BJT switching on power losses
which is resulted from the equivalent output capacitance to achieve highest overall efficiency. At the same time, because of valley turn-on the
switching frequency has the random jitter feature, which will benefit for conductive EMI performance. And valley turn-on can also reduce the
power switch turn on spike current and then achieve the better radiative EMI performance.
Adjustable Line Compensation
Since there is a constant delay time from the CS pin voltage reaching the given VCS reference to the power BJT turning off, the real primary peak
current value always has a gap with the ideal value. The gap value changes with different input line voltage, which is caused by different current
rising slope, results in different system constant current value.
In order to eliminate the constant current deviation due to line voltage, the adjustable line compensation is introduced to AP3984 design. The
negative voltage of FB pin which is linear to the line voltage is added up to VCS reference by a certain proportion and create an adjustable
compensation voltage to clear up the primary current gap, so that the excellent line regulation of output current will be achieved.
RFB1
RFB2
FB
PFM
VAUX
VSAMPLE
VCS
R1
R2
RM
Vx
RLC
Figure 6. Adjustable Line Compensation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com