Electronic Components Datasheet Search
  English  ▼

X  

AP3984 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3984 Datasheet HTML 6Page - Diodes Incorporated AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated AP3984 Datasheet HTML 10Page - Diodes Incorporated AP3984 Datasheet HTML 11Page - Diodes Incorporated AP3984 Datasheet HTML 12Page - Diodes Incorporated AP3984 Datasheet HTML 13Page - Diodes Incorporated AP3984 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
10 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
Operation Description (Cont.)
LINE
FB
M
LC
LC
P
AUX
CS
V
R
R
R
R
N
N
R
R
R
V
1
2
1
1
………(15)
So, the AP3984 can change the line compensation capability by adjusting the upper resistor at FB pin (RFB1). Higher resistance means lower line
compensation capability.
Adjustable Cable Compensation
To meet the voltage drop of different output cables, the AP3984 can realize the adjustable cable compensation.
As shown in Figure 7, VCBC follows the VLOAD that reflects the power system loading percentage.
VLOAD
RFB1
RFB2
VAUX
FB
VCBC
RCBC
ICBC
Figure 7. Adjustable Cable Compensation Circuit
If the CBC resistance (RCBC) and RFB1 are fixed, the current (ICBC) flowing through the CBC resistance (RCBC) also follows the changing of the
VLOAD:
CBC
LOAD
CBC
R
V
I
…………………………(16)
The voltage change (
VAUX) of auxiliary winding (VAUX) is varied with the VLOAD:
LOAD
CBC
FB
CBC
FB
AUX
V
R
R
I
R
V
1
1
………… (17)
The VO changing (VO) which △VAUX reflects is also changed with VLOAD:
LOAD
CBC
FB
aux
S
AUX
AUX
S
O
V
R
R
N
N
V
N
N
V
1
……(18)
So, we can achieve the right cable compensation by adjusting RCBC. The 90kΩ resistance can ensure about 350mV cable compensation from no
load to full load.
Protection
The AP3984 has various built-in single-point fault protection features: FB over voltage protection, VCC over voltage protection, output short
circuit protection, FB open circuit protection, transformer saturation protection and current sense resistor fault (short or open) protection, over
temperature protection. The fault conditions to trigger these protections are different and protection modes to enter after the protections are
triggered are different.
Protection Mode
The AP3984 has three protection modes: DMIN, auto-recovery and hold. The Operation Principles are different.
When FB over voltage protection and FB open circuit protection are triggered, the AP3984 enters the DMIN mode whereby the AP3984
immediately shuts down and signals a pulse to turn on the primary switch after tOFF(MAX), that detects if the fault condition is removed. If the fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com