Electronic Components Datasheet Search
  English  ▼

X  

AP3984 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated AP3984 Datasheet HTML 10Page - Diodes Incorporated AP3984 Datasheet HTML 11Page - Diodes Incorporated AP3984 Datasheet HTML 12Page - Diodes Incorporated AP3984 Datasheet HTML 13Page - Diodes Incorporated AP3984 Datasheet HTML 14Page - Diodes Incorporated AP3984 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
11 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
Operation Description (Cont.)
condition is removed before VCC is still higher than VOPR(MIN), the device will enter normal operating mode. If not, the AP3984 will remain off and
wait for another tOFF(MAX). When VCC drops to VOPR(MIN), the AP3984 will enter the restart process, and VCC voltage changes between VTH(ST)
and VOPR(MIN) until VFB(OVP) condition is removed.
When over temperature protection is activated, the device enters the hold mode. Once the hold mode is triggered, the AP3984 doesn
’t signal
any pulse until the fault condition is removed, and VCC Voltage is hold not lower than LVCC voltage.
When other fault protections are triggered, the device enters the auto-recovery mode. Once the AP3984 enters the auto-recovery mode, the
device shuts down immediately and
doesn’t signal any pulse, the VCC current is decreased from operating current (mean: 550μA) to standby
current (mean: 17.5
μA). Until VCC voltage drops to VOPR(MIN), the AP3984 will enter the restart process, and VCC voltage changes between
VTH(ST) and VOPR(MIN) until the fault condition is removed. The slope of VCC voltage to discharge is very small, and the time to drop to VOPR(MIN)
is very long. It can decrease the average power dissipation at a fault condition.
Short Circuit Protection (SCP)
Short Circuit Protection (SCP) detection principle is similar to the normal output voltage feedback detection by sensing FB pin voltage. When the
detected FB pin voltage is below VFB(SCP) for a duration of about tSCP, the SCP is triggered. Then the AP3984 enters hiccup mode that the IC
immediately shuts down and then restarts, so that the VCC voltage changes between VTH_ST and UVLO threshold until VFB(SCP) condition is
removed.
As to the normal system startup, the time duration of FB pin voltage below VFB(SCP) should be less than tSCP to avoid entering SCP mode. But for
the output short condition or the output voltage below a certain level, the SCP mode should happen.
Figure 8 is the AP3984 normal start-up waveform that the voltage of FB pin is above VFB(SCP) during tSCP after VCC gets to the VTH_ST, which
doesn
’t enter the SCP mode. As shown in Figure 9, VOUT is short and the voltage of FB pin is lower than VFB(SCP) during tSCP, the AP3984
triggers the SCP and enters hiccup mode.
VTH_ST
VFB(SCP)
tSCP
VCC
VFB
VOUT
VOUT(SCP)
5V
Figure 8. Normal Start-up
VTH_ST
VOPR(MIN)
VFB(SCP)
tSCP
VCC
VFB
VOUT
0V
Figure 9. Short Circuit Protection (SCP) and Hiccup Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com