Electronic Components Datasheet Search
  English  ▼

X  

AP3984 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated AP3984 Datasheet HTML 10Page - Diodes Incorporated AP3984 Datasheet HTML 11Page - Diodes Incorporated AP3984 Datasheet HTML 12Page - Diodes Incorporated AP3984 Datasheet HTML 13Page - Diodes Incorporated AP3984 Datasheet HTML 14Page - Diodes Incorporated AP3984 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
12 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
Operation Description (Cont.)
Transformer Saturation Protection via Primary Peak Current Limitation
When the power system works abnormally with transformer saturated, the voltage of CS pin will increase promptly and be over the VCS(MAX). If
two consecutive pulses exceed a threshold value (VCS(MAX)), the device shuts down and enters auto-recovery mode.
Over Temperature Protection (OTP)
If the IC junction temperature exceeds the threshold of +150
⁰C, the AP3984 shuts down immediately and enters the hold mode. If the junction
temperature decreases to hysteresis temperature of +100
⁰C, the AP3984 can recover to normal operation. If not, the power system keeps the
hold mode.
Ordering Information
AP3984 X XX - XX
Packing
Package
M : SO-7
G1 : Green
Product Name
RoHS/Green
TR : Tape & Reel
Package
Temperature Range
Part Number
Marking ID
Packing
SO-7
-40°C to +105°C
AP3984MTR-G1
3984M-G1
4000/Tape & Reel
Marking Information
(Top View)
First and Second Lines: Logo and Marking ID
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com