Electronic Components Datasheet Search
  English  ▼

X  

AP3984 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3984 Datasheet HTML 1Page - Diodes Incorporated AP3984 Datasheet HTML 2Page - Diodes Incorporated AP3984 Datasheet HTML 3Page - Diodes Incorporated AP3984 Datasheet HTML 4Page - Diodes Incorporated AP3984 Datasheet HTML 5Page - Diodes Incorporated AP3984 Datasheet HTML 6Page - Diodes Incorporated AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
1 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Description
The AP3984 is a power switcher for power supplies with better
conversion efficiency, better voltage & current accuracy, and improved
protection functions. Typical applications include charger, adapter for
ADSL, home appliance power supply and PC auxiliary power supplies.
The AP3984 with built in BJT, regulates the output voltage and current
in the primary side by piece-wise pulse frequency modulation (p-PFM)
and primary current peak amplitude modulation (AM) in discontinuous
conduction mode (DCM). The system operating frequency reduces
linearly from heavy load to light load in each interval of the p-PFM, and
operating frequency is fixed at medium load by varying primary current
peak amplitude.
The AP3984 has good transient characteristics in combination with
the secondary side IC like AP4341/AP43410. Typically, minimal
voltage of 4.3V at PCB side can be achieved for dynamic test of 5V
application system.
The AP3984 provides operating frequency dithering function to
improve EMC performance of power supply. The AP3984 also has
programmable cable voltage drop compensation function by external
resistor.
The AP3984 is packaged in SO-7.
Features
Primary Side Control for Eliminating Opto-coupler
Built-in 700V BJT
Excellent Transient Characteristics
High Voltage and Super-speed Start up
External Adjustable Output Cable Voltage Drop Compensation
Ultra-low No-load Power Consumption(<10mW)
Multiple PWM/PFM Mode to Improve Audio Noise and Efficiency
Valley-on for Higher Efficiency and Better EMI
Multiple Protections:
Over Voltage Protection (OVP)
Output Short Circuit Protection (SCP)
Over Temperature Protection (OTP)
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
7
6
5
FB
CBC
VCC
CS
GND
C
C
SO-7
Applications
Adapters
Set Top Boxes
Auxiliary Supplies
Appliances
Note:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3984

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP39811 DIODES-AP39811 Datasheet
603Kb / 18P
PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
Rev. 5 - 2 June 2019
AP39811AS7-13 DIODES-AP39811AS7-13 Datasheet
603Kb / 18P
PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
Rev. 5 - 2 June 2019
AP39811BS7-13 DIODES-AP39811BS7-13 Datasheet
603Kb / 18P
PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
Rev. 5 - 2 June 2019
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981BS7-13 DIODES-AP3981BS7-13 Datasheet
511Kb / 17P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
More results

Similar Description - AP3984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3987CT DIODES-AP3987CT Datasheet
559Kb / 15P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev. 2 - 2 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com