Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1210 Datasheet HTML 1Page - Texas Instruments TUSB1210 Datasheet HTML 2Page - Texas Instruments TUSB1210 Datasheet HTML 3Page - Texas Instruments TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
REFCLK
1
24
N/C
NXT
2
23
ID
DATA0
3
22
V
BUS
DATA1
4
21
V
BAT
DATA2
5
20
V
DD33
DATA3
6
19
DM
DATA4
7
GND
18
DP
N/C
8
17
CPEN
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
3
Pin Configuration and Functions
3.1
Pin Description
RHB Package
32-Pin OFN
(Top View)
Pin Functions
PIN
A/D
TYPE
LEVEL
DESCRIPTION
NO.
NAME
VDD33 Reference clock input (square-wave only). Tie to GND when pin 26
(CLOCK) is required to be Input mode. Connect to square-wave reference
1
REFCLK
A
I
3.3 V
clock of amplitude in the range of 3 V to 3.6 V when Pin 26 (CLOCK) is
required to be Output mode. See pin 14 (CFG) description for REFCLK
input frequency settings.
2
NXT
D
O
VDDIO
ULPI NXT output signal
3
DATA0
D
I/O
VDDIO
ULPI DATA input/output signal 0 synchronized to CLOCK
4
DATA1
D
I/O
VDDIO
ULPI DATA input/output signal 1 synchronized to CLOCK
5
DATA2
D
I/O
VDDIO
ULPI DATA input/output signal 2 synchronized to CLOCK
6
DATA3
D
I/O
VDDIO
ULPI DATA input/output signal 3 synchronized to CLOCK
7
DATA4
D
I/O
VDDIO
ULPI DATA input/output signal 4 synchronized to CLOCK
8
N/C
–
–
VDDIO
No connect
9
DATA5
D
I/O
VDDIO
ULPI DATA input/output signal 5 synchronized to CLOCK
10
DATA6
D
I/O
VDDIO
ULPI DATA input/output signal 6 synchronized to CLOCK
Active-high chip select pin. When low the IC is in power down and ULPI
11
CS
D
I
VDDIO
bus is tri-stated. When high normal operation. Tie to VDDIO if unused.
12
VDD15
A
power
1.5-V internal LDO output. Connect to external filtering capacitor.
13
DATA7
D
I/O
VDDIO
ULPI DATA input/output signal 7 synchronized to CLOCK
REFCLK clock frequency configuration pin. Two frequencies are
14
CFG
D
I
VDDIO
supported: 19.2 MHz when 0, or 26 MHz when 1.
15
N/C
–
–
–
No connect
16
N/C
–
–
–
No connect
17
CPEN
D
O
VDD33
CMOS active-high digital output control of external 5V VBUS supply
18
DP
A
I/O
VDD33
DP pin of the USB connector
4
Pin Configuration and Functions
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com