Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1210 Datasheet HTML 1Page - Texas Instruments TUSB1210 Datasheet HTML 2Page - Texas Instruments TUSB1210 Datasheet HTML 3Page - Texas Instruments TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
1
Device Overview
1.1
Features
1
Session Request Protocol (SRP)
• USB2.0 PHY Transceiver Chip, Designed to
Interface With a USB Controller Through a ULPI
• VBUS Overvoltage Protection Circuitry Protects
Interface, Fully Compliant With:
VBUS Pin in Range –2 V to 20 V
– Universal Serial Bus Specification Rev. 2.0
• Internal 5-V Short-Circuit Protection of DP, DM,
and ID Pins for Cable Shorting to VBUS Pin
– On-The-Go Supplement to the USB 2.0
Specification Rev. 1.3
• ULPI Interface:
– UTMI+ Low Pin Interface (ULPI) Specification
– I/O Interface (1.8 V) Optimized for
Rev. 1.1
Nonterminated 50-
Ω Line Impedance
– ULPI 12-pin SDR Interface
– ULPI CLOCK Pin (60 MHz) Supports Both Input
and Output Clock Configurations
• DP/DM Line External Component Compensation
(Patent #US7965100 B1)
– Fully Programmable ULPI-Compliant Register
Set
• Interfaces to Host, Peripheral and OTG Device
Cores; Optimized for Portable Devices or System
• Full Industrial Grade Operating Temperature
ASICs With Built-in USB OTG Device Core
Range From –40°C to 85°C
• Complete USB OTG Physical Front-End That
• Available in a 32-Pin Quad Flat No Lead [QFN
Supports Host Negotiation Protocol (HNP) and
(RHB)] Package
1.2
Applications
•
Mobile Phones
•
Video Game Consoles
•
Portable Computers
•
Desktop Computers
•
Tablet Devices
•
Portable Music Players
1.3
Description
The TUSB1210 is a USB2.0 transceiver chip, designed to interface with a USB controller through a ULPI
interface. The device supports all USB2.0 data rates (high-speed 480 Mbps, full-speed 12 Mbps, and low-
speed 1.5 Mbps), and is compliant to both host and peripheral modes. The device additionally supports a
UART mode and legacy ULPI serial modes. TUSB1210 also supports the OTG (Ver1.3) optional
addendum to the USB 2.0 Specification, including HNP and SRP.
The DP/DM external component compensation in the transmitter compensates for variations in the series
impendence in order to match with the data line impedance and the receiver input impedance, to limit data
reflections and thereby improve eye diagrams.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1210
VQFN (32)
5.00 mm x 5.00 mm
(1)
For more information, see Section 8, Mechanical Packaging and Orderable Information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1210 TI2-TUSB1210 Datasheet
2Mb / 72P
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
REVISED JULY 2021
TUSB1210-Q1 TI1-TUSB1210-Q1 Datasheet
1Mb / 66P
TUSB1210-Q1 Standalone USB Transceiver Chip Silicon
TUSB1210-Q1 TI2-TUSB1210-Q1 Datasheet
2Mb / 72P
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
REVISED JULY 2021
TUSB1210BRHBR TI-TUSB1210BRHBR Datasheet
1Mb / 64P
Standalone USB Transceiver Chip Silicon
More results

Similar Description - TUSB1210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
ON Semiconductor
NCV7321 ONSEMI-NCV7321 Datasheet
178Kb / 12P
Stand Alone LIN Transceiver
June, 2010 ??Rev. 8
NCV7321 ONSEMI-NCV7321_15 Datasheet
156Kb / 14P
Stand-alone LIN Transceiver
July, 2015 ??Rev. 13
NCV7321 ONSEMI-NCV7321_16 Datasheet
152Kb / 14P
Stand-alone LIN Transceiver
August, 2016 ??Rev. 14
logo
Texas Instruments
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
Stand-Alone USB Transceiver Chip
logo
ON Semiconductor
NCV7329 ONSEMI-NCV7329 Datasheet
141Kb / 12P
Stand-alone LIN Transceiver
May, 2018 ??Rev. 0
NCV7327 ONSEMI-NCV7327 Datasheet
183Kb / 12P
LIN Transceiver, Stand-alone
March, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com