Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
4.7
Clock Specifications
4.7.1
USB PLL Reference Clock
The USB PLL block generates the clocks used to synchronize :
•
the ULPI interface (60 MHz clock)
•
the USB interface (depending on the USB data rate, 480 Mbps, 12 Mbps or 1.5 Mbps)
TUSB1210 requires an external reference clock which is used as an input to the 480 MHz USB PLL block.
Depending on the clock configuration, this reference clock can be provided either at REFCLK pin or at CLOCK
pin. By default CLK pin is configured as an input.
Two clock configurations are possible:
•
Input clock configuration (see Section 4.7.2)
•
Output clock configuration (see Section 4.7.3)
4.7.2
ULPI Input Clock Configuration
In this mode REFCLK must be externally tied to GND. CLOCK remains configured as an input.
When the ULPI interface is used in input clock configuration, i.e., the 60 MHz ULPI clock is provided to
TUSB1210 on Clock pin, then this is used as the reference clock for the 480 MHz USB PLL block.
Table 4-2. Electrical Characteristics: Clock Input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock input duty cycle
40
60%
fCLK
Clock nominal frequency
60
MHz
Clock input rise/fall time
In % of clock period tCLK ( = 1/fCLK )
10%
Clock input frequency accuracy
250
ppm
Clock input integrated jitter
600
ps rms
4.7.3
ULPI Output Clock Configuration
In this mode a reference clock must be externally provided on REFCLK pin When an input clock is detected on
REFCLK pin then CLK will automatically change to an output, i.e., 60 MHz ULPI clock is output by TUSB1210 on
CLK pin.
Two reference clock input frequencies are supported. REFCLK input frequency is communicated to TUSB1210
via a configuration pin, CFG, see fREFCLK in Table 6-2 for frequency correspondence. TUSB1210 supports
square-wave reference clock input only. Reference clock input must be square-wave of amplitude in the range
3.0 V to 3.6 V.
Table 4-3. Electrical Characteristics: REFCLK
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFCLK input duty cycle
40
60%
When CFG pin is tied to GND
19.2
fREFCLK
REFCLK nominal frequency
MHz
When CFG pin is tied to VDDIO
26
In % of clock period tREFCLK ( =
REFCLK input rise/fall time
20%
1/fREFCLK )
REFCLK input frequency accuracy
250
ppm
REFCLK input integrated jitter
600
ps rms
REFCLK HIZ Leakage current
3
µA
REFCLK HIZ Leakage current
–3
Copyright © 2009–2015, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com