Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 52Page - Texas Instruments TUSB1210 Datasheet HTML 53Page - Texas Instruments TUSB1210 Datasheet HTML 54Page - Texas Instruments TUSB1210 Datasheet HTML 55Page - Texas Instruments TUSB1210 Datasheet HTML 56Page - Texas Instruments TUSB1210 Datasheet HTML 57Page - Texas Instruments TUSB1210 Datasheet HTML 58Page - Texas Instruments TUSB1210 Datasheet HTML 59Page - Texas Instruments TUSB1210 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
6.4
Layout
6.4.1
Layout Guidelines
•
The VDDIO pins of the TUSB1210 supply 1.8-V (nominal) power to the core of the TUSB1210. This
power rail can be isolated from all other power rails by a ferrite bead to reduce noise.
•
The VBAT pin of the TUSB1210 supply 3.3-V (nominal) power rail to the TUSB1210. This power rail can
be isolated from all other power rails by a ferrite bead to reduce noise.
•
The VBUS pin of the TUSB1210 supply 5-V (nominal) power rail to the TUSB1210. This pin is normally
connected to the VBUS pin of the USB connector.
•
All power rails require 0.1
μF decoupling capacitors for stability and noise immunity. The smaller
decoupling capacitors should be placed as close to the TUSB1210 power pins as possible with an
optimal grouping of two of differing values per pin.
6.4.1.1
Ground
It is recommended that almost one board ground plane be used in the design. This provides the best
image plane for signal traces running above the plane. An earth or chassis ground is implemented only
near the USB port connectors on a different plane for EMI and ESD purposes.
6.4.2
Layout Example
Figure 6-5. TUSB1210 Layout Example
56
Application, Implementation, and Layout
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com