Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 45Page - Texas Instruments TUSB1210 Datasheet HTML 46Page - Texas Instruments TUSB1210 Datasheet HTML 47Page - Texas Instruments TUSB1210 Datasheet HTML 48Page - Texas Instruments TUSB1210 Datasheet HTML 49Page - Texas Instruments TUSB1210 Datasheet HTML 50Page - Texas Instruments TUSB1210 Datasheet HTML 51Page - Texas Instruments TUSB1210 Datasheet HTML 52Page - Texas Instruments TUSB1210 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
6.2.1.2
Detailed Design Procedure
Connect the TUSB1210 device as is shown in Figure 6-1.
6.2.1.2.1 External Components
Table 6-2. TUSB1210 External Components
FUNCTION
COMPONENT
REFERENCE
VALUE
NOTE
LINK
VDDIO
Capacitor
CVDDIO
100 nF
Suggested value, application
Figure 6-1
dependent
VDD33
Capacitor
CVDD33
2.2
μF
Range: [0.45
μF : 6.5 μF] ,
Figure 6-1
ESR = [0 : 600 m
Ω] for f> 10 kHz
VDD15
Capacitor
CVDD15
2.2
μF
Range: [0.45
μF : 6.5 μF] ,
Figure 6-1
ESR = [0 : 600 m
Ω] for f> 10 kHz
VDD18
Capacitor
Ext 1.8V supply
100 nF
Suggested value, application
Figure 6-1
dependent
CVDD18
VBAT
Capacitor
CBYP
100 nF(1)
Range: [0.45
μF : 6.5 μF] ,
Figure 6-1
ESR = [0 : 600 m
Ω] for f> 10 kHz
VBUS
Capacitor
CVBUS
See table 1.2
Place close to USB connector
Figure 6-1
(1)
Recommended value but 2.2 uF may be sufficient in some applications
Table 6-3. TUSB1210 VBUS Capacitors
FUNCTION
COMPONENT
REFERENCE
VALUE
NOTE
LINK
VBUS - HOST
Capacitor
CVBUS
>120
μF
Figure 6-1
VBUS – DEVICE
Capacitor
CVBUS
4.7
μF
Range: 1.0
μF to 10.0 μF
Figure 6-1
VBUS - OTG
Capacitor
CVBUS
4.7
μF
Range: 1.0
μF to 6.5 μF
Figure 6-1
Copyright © 2009–2015, Texas Instruments Incorporated
Application, Implementation, and Layout
49
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com