Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1210 Datasheet HTML 1Page - Texas Instruments TUSB1210 Datasheet HTML 2Page - Texas Instruments TUSB1210 Datasheet HTML 3Page - Texas Instruments TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
Pin Functions (continued)
PIN
A/D
TYPE
LEVEL
DESCRIPTION
NO.
NAME
19
DM
A
I/O
VDD33
DM pin of the USB connector
20
VDD33
A
power
VDD33
3.3-V internal LDO output. Connect to external filtering capacitor.
21
VBAT
A
power
VBAT
Input supply voltage or battery source
22
VBUS
A
power
VBUS
VBUS pin of the USB connector
23
ID
A
I/O
VDD33
Identification (ID) pin of the USB connector
24
N/C
–
–
–
No connect
25
N/C
–
–
–
No connect
ULPI 60 MHz clock on which ULPI data is synchronized.
Two modes are possible:
26
CLOCK
D
O
VDDIO
Input Mode: CLOCK defaults as an input.
Output Mode: When an input clock is detected on REFCLK pin (after 4
rising edges) then CLOCK will change to an output.
When low, all digital logic (except 32 kHz logic required for power up
27
RESETB
D
I
VDDIO
sequencing) including registers are reset to their default values, and ULPI
bus is tri-stated. When high, normal USB operation.
28
VDD18
A
power
VDD18
External 1.8-V supply input. Connect to external filtering capacitor.
29
STP
D
I
VDDIO
ULPI STP input signal
30
VDD18
A
power
VDD18
External 1.8-V supply input. Connect to external filtering capacitor.
31
DIR
D
O
VDDIO
ULPI DIR output signal
External 1.8V supply input for digital I/Os. Connect to external filtering
32
VDDIO
A
I
VDDIO
capacitor.
Copyright © 2009–2015, Texas Instruments Incorporated
Pin Configuration and Functions
5
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com