Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 40Page - Texas Instruments TUSB1210 Datasheet HTML 41Page - Texas Instruments TUSB1210 Datasheet HTML 42Page - Texas Instruments TUSB1210 Datasheet HTML 43Page - Texas Instruments TUSB1210 Datasheet HTML 44Page - Texas Instruments TUSB1210 Datasheet HTML 45Page - Texas Instruments TUSB1210 Datasheet HTML 46Page - Texas Instruments TUSB1210 Datasheet HTML 47Page - Texas Instruments TUSB1210 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
5.4.1.1.32 VENDOR_SPECIFIC1_STS
ADDRESS OFFSET
0x83
PHYSICAL ADDRESS
0x83
INSTANCE
USB_SCUSB
DESCRIPTION
Indicates the current value of the interrupt source signal.
TYPE
R
WRITE LATEN CY
7
6
5
4
3
2
1
0
Reserved
ID_RESC_STS
ID_RESB_STS
ID_RESA_STS
BVALID_STS
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
MNTR_VUSBIN_OK_STS
Current value of MNTR_VUSBIN_OK output
R
0
5
ABNORMALSTRESS_STS
Current value of ABNORMALSTRESS output
R
0
4
ID_FLOAT_STS
Current value of ID_FLOAT output
R
0
3
ID_RESC_STS
Current value of ID_RESC output
R
0
2
ID_RESB_STS
Current value of ID_RESB output
R
0
1
ID_RESA_STS
Current value of ID_RESA output
R
0
0
BVALID_STS
Current value of VB_SESS_VLD output
R
0
5.4.1.1.33 VENDOR_SPECIFIC1_LATCH
ADDRESS OFFSET
0x84
PHYSICAL ADDRESS
0x84
INSTANCE
USB_SCUSB
DESCRIPTION
These bits are set by the PHY when an unmasked change occurs on the corresponding internal signal.
The PHY will automatically clear all bits when the Link reads this register, or when Low Power Mode is
entered. The PHY also clears this register when Serial mode is entered regardless of the value of
ClockSuspendM.
The PHY follows the rules defined in Table 26 of the ULPI spec for setting any latch register bit.
TYPE
R
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
44
Detailed Description
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com