Electronic Components Datasheet Search
  English  ▼

X  

SSD1852 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button SSD1852 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
SSD1852
Rev 1.0
01/2003
SOLOMON
23
Bit Pattern
Command
Description
1000 0011
OTP programming
This command start program LCD driver with OTP offset
value. This command only execute once. No effect on the
second run. Detail of OTP programming procedure on
page 30.
1111 0100
0000 0X010
Enable DMA mode
This command enable /disable the Direct Memory Access
mode .
1000 0100
0A6A5A4 A3A2A1A0
0000 B3B2B1B0
0C6C5C4 C3C2C1C0
0000 D3D2D1D0
Set Start/End Column
and Page address in
DMA mode
This command set the start column address (A6~A0), end
column address (C6~C0), start page address (B3~B0) and
end page address (D3~D0) in DMA mode. The page and
column address should be follow the below rule.
Min. value
Max value
A6~A0
0000000
C6~C0
B3~B0
0000
D3~D0
C6~C0
A6~A0
1111111
D3~D0
B3~B0
1111
Remarks: this command is available only when DMA mode
is enabled.
1111 1101
0001 0X010
Lock / Unlock
Interface
X0= 0 : Lock the IC. The driver ignores all command and
data written, except the unlock command or pin reset.
X0 = 1 : Unlock the IC. The driver accepts any command
and data written.
Read Status Byte (D/ C = 0, R/W( WR ) = 1, E( RD ) = 1)
An 8 bits status byte will be placed onto the data bus when a read operation is performed if D/ C is low. The status
byte is defined as follows:
Bit Pattern
Command
Description
BUSY ON RES MF2 MF1 MF0 DS1
DS0
Read Display Status
BUSY
0: Chip is idle
1: Chip is executing instruction
ON
0: Display is OFF
1: Display is ON
RES
0: Chip is idle
1: Chip is executing reset
MF2- MF0 : 010
DS1, DS0 : Display size
Data Read / Write (D/ C = 1, R/W( WR ) = 1, E( RD ) = 1)
To read data from the GDDRAM, input High to R/W( WR ) pin and D/ C pin for 6800-series parallel mode,
Low to E( RD ) pin and High to D/ C pin for 8080-series parallel mode. No data read is provided for serial mode. In
normal mode, GDDRAM column address pointer will be increased by one automatically after each data read. Also, a
dummy read is required before the first data is read. See
Figure 3 in Functional Description.
To write data to the GDDRAM, input Low to R/W( WR ) pin and High to D/ C pin for 6800-series parallel mode. For
serial interface, it will always be in write mode. GDDRAM column address pointer will be increased by one
automatically after each data write. The address will be reset to 0 in execution of next data read/write operation when
it is 127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com