Electronic Components Datasheet Search
  English  ▼

X  

SSD1852 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1852 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
SSD1852
Rev 1.0
01/2003
SOLOMON
4
5
DIE PAD ARRANGEMENT
Figure 2 - Die Pad Assignment
Note:
1.
Diagram showing the face of the
die.
2.
Coordinates are reference to
center of the chip.
3.
Unit of coordinates and Size of all
alignment marks are in
µm.
4.
All alignment keys do not contain
gold bump.
Die Size: 10.49 mm x 1.72mm
Die Thickness: 533±25µm
Bump Height: Typical 18µm
Bump co-planarity <3µm (within die)
25
25
25
25
25
25
100
100
25
25
25
25
50
100
100
18
100
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com