Electronic Components Datasheet Search
  English  ▼

X  

SSD1852 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button SSD1852 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
SSD1852
Rev 1.0
01/2003
SOLOMON
43
Table 10 – 3-wires Serial Interface Timing Characteristics (VDD - VSS = 1.8V, TA = -30 to +85
°C)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
111
-
-
ns
tCSS
Chip Select Setup Time
60
-
-
ns
tCSH
Chip Select Hold Time
55.5
-
-
ns
tDSW
Write Data Setup Time
60
-
-
ns
tDHW
Write Data Hold Time
60
-
-
ns
tCLKL
Clock Low Time
55.5
-
-
ns
tCLKH
Clock High Time
55.5
-
-
ns
tR
Rise Time
-
-
10
ns
tF
Fall Time
-
-
10
ns
Figure 17 – 3-wires Serial Interface Characteristics (PS0 = L, PS1 = L)
Valid Data
tDHW
tCLKL
tDSW
tCLKH
tcycle
tCSS
tCSH
tF
tR
SDA(D7)
CS
SCK(D6)
D7
SDA(D7)
CS
SCK(D6)
D6
D5
D4
D3
D2
D1
D0
Page
SDA(D7)
CS
SCK(D6)
Column
MSB
Column
LSB
DDC
No. of
DATA(n)
DATA0
DATAn
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com