Electronic Components Datasheet Search
  English  ▼

X  

SSD1852 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button SSD1852 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 52Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
SSD1852
Rev 1.0
01/2003
SOLOMON
44
Table 11 – 4-wires Serial Interface Timing Characteristics (VDD - VSS = 2.7V, TA = -30 to +85
°C)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
58.8
-
-
ns
tAS
Address Setup Time
10
-
-
ns
tAH
Address Hold Time
5
-
-
ns
tCSS
Chip Select Setup Time
30
-
-
ns
tCSH
Chip Select Hold Time
29.4
-
-
ns
tDSW
Write Data Setup Time
30
-
-
ns
tDHW
Write Data Hold Time
30
-
-
ns
tCLKL
Clock Low Time
29.4
-
-
ns
tCLKH
Clock High Time
29.4
-
-
ns
tR
Rise Time
-
-
10
ns
tF
Fall Time
-
-
10
ns
Figure 18 – 4-wire Serial Interface Timing Characteristics (PS0 = L, PS1 = H)
tAH
tAS
C
/
D
Valid Data
tDHW
tCLKL
tDSW
tCLKH
tcycle
tCSS
tCSH
tF
tR
SDA(D7)
CS
SCK(D6)
D7
SDA(D7)
CS
SCK(D6)
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com