Electronic Components Datasheet Search
  English  ▼

X  

SSD1852 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1852 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
SSD1852
Rev 1.0
01/2003
SOLOMON
2
2
FEATURES
128 x 128 Dot-matrix 4-gray levels display driver with an icon line
Single supply operation, 1.8 V – 3.3 V
Minimum +8.0V LCD driving output voltage
Maximum +15.0V LCD driving output voltage
Low current sleep mode
On-chip voltage generator or external LCD driving power supply selectable
On-chip oscillator with external resistor
On-chip bias divider
On-chip 128x129x2bits graphic display data RAM
3X/4X/5X/6X DC–DC converter
Programmable multiplex ratio in dot-matrix display area from 16Mux ~ 129Mux
Programmable bias ratio from 1/5 ~ 1/12
8-bit 6800-series & 8-bit 8080-series parallel interface
Serial peripheral interface
Re-mapping of row & column drivers
Vertical scrolling
Display offset control
64 level internal contrast control
External contrast control
Programmable LCD driving voltage temperature coefficients from TC0 (-0.05%/
oC) to
TC7 (-0.25%/
oC)
One time programmable (OTP) capability for VL6 adjustment
Programmable COM output sequence
Direct memory access mode
Selectable internal/external oscillator resistor
Available in gold bump die and TAB (Tape Automated Bonding) Package
3
ORDERING INFORMATION
Table 1 - Ordering Information
Ordering Part
Number
Seg
Com
Default Bias
Package Form
SSD1852Z
128
128 + 1
1/12
Gold Bump Die
SSD1852TR1
128
100
1/12
TAB
SSD1852T2R1
128
128
1/12
TAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com