Electronic Components Datasheet Search
  English  ▼

X  

SSD1852 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSD1852 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
x
TABLE OF FIGURES
Figure 1 - Block Diagram .............................................................................................................................. 3
Figure 2 - Die Pad Assignment ..................................................................................................................... 4
Figure 3 - Display Data Read Back Procedure – Insertion of Dummy Read.............................................. 12
Figure 4 - Oscillator..................................................................................................................................... 12
Figure 5 - DC-DC Converter Configurations ............................................................................................... 13
Figure 6 - Voltage Regulator Output for Different Gain/Contrast Settings (VDD = 2.775V; VCI = 3V; DC-DC
level = 6X; TC2 = -0.125%/
oC)............................................................................................................. 14
Figure 7 - Graphic Display Data RAM (GDDRAM) Address Map with Display Start Line set to 70H. ....... 17
Figure 8 - LCD Driving Waveform for Displaying “0” (0 line inversion)....................................................... 18
Figure 9 - Sequence for setting frame frequency ....................................................................................... 29
Figure 10 - Sequence for setting the DMA mode. ...................................................................................... 34
Figure 11 - Sequence for disable the DMA mode....................................................................................... 34
Figure 12 - OTP programming circuitry....................................................................................................... 31
Figure 13 - Flow chart of OTP programming Procedure.............................................................................32
Figure 14 Relationship between Frame Frequency and Oscillator resistor (TA=25
oC, V
DD=2.775V) ......... 40
Figure 15 - 6800-Series MPU Parallel Interface Characteristics (PS0=H; PS1=H).................................... 41
Figure 16 - 8080-Series MPU Parallel Interface Characteristics (PS0 = H, PS1 = L) ................................ 42
Figure 17 - 3-wires Serial Interface Characteristics (PS0 = L, PS1 = L) .................................................... 43
Figure 18 - 4-wire Serial Interface Timing Characteristics (PS0 = L, PS1 = H).......................................... 44
Figure 19 - Typical Application.................................................................................................................... 45
Figure 20 - SSD1852T TAB Drawing 1....................................................................................................... 46
Figure 21 - SSD1852T TAB Drawing 2....................................................................................................... 47
Figure 22 - SSD1852T2 TAB Drawing 1..................................................................................................... 48
Figure 23 - SSD1852T2 TAB Drawing 2..................................................................................................... 49
LIST OF TABLES
Table 1 - Ordering Information ...................................................................................................................... 2
Table 2 - SSD1852 Bump Die Pad Coordinates........................................................................................... 5
Table 3 - Command Table (D/C# = 0, R/W#(WR#) = 0, E/(RD#) = 1)........................................................ 19
Table 4 - Extended Command Table .......................................................................................................... 22
Table 5 - Maximum Ratings (Voltage Reference to VSS) ............................................................................ 36
Table 6 - DC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD = 1.8 to 3.3V,
TA = -30 to +85
°°°°C)................................................................................................................................36
Table 7 - AC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD = 1.8 to 3.3V,
TA = 25
°°°°C)............................................................................................................................................39
Table 8 - 6800-Series MPU Parallel Interface Timing Characteristics (VDD - VSS = 1.8, TA = -30 to +85
°°°°C)
............................................................................................................................................................. 41
Table 9 - 8080-Series MPU Parallel Interface Timing Characteristics (VDD - VSS = 2.7V, TA = -30 to +85
°°°°C)
............................................................................................................................................................. 42
Table 10 - 3-wires Serial Interface Timing Characteristics (VDD - VSS = 1.8V, TA = -30 to +85
°°°°C) .............43
Table 11 - 4-wires Serial Interface Timing Characteristics (VDD - VSS = 2.7V, TA = -30 to +85
°°°°C) .............44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com