Electronic Components Datasheet Search
  English  ▼

X  

SSD1852 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # SSD1852
Description  LCD Segment / Common Driver With Controller CMOS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1852 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button SSD1852 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1852 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
SSD1852
Rev 1.0
01/2003
SOLOMON
31
Step 2. OTP programming
(6) Hardware Reset (sending an active low reset pulse to RES pin)
(7) Enable Oscillator (0xAB) and Exit Sleep Mode (0xE1)
(8) Connect an external VL6 (see diagram below)
(9) Send OTP setting commands that we find in step 1 (0x82, 0x00~0x0F)
(10)Send OTP programming command (0x83)
(11)Wait at least 2 seconds
(12)Hardware Reset
Verify the result by repeating step 1. (2) – (3)
Figure 10 – OTP programming circuitry
R
+
-
SSD1852
VL6
RES
14.5-15.5V
Note: R = 1K ~ 10k ohm
C = 1u ~ 4.7u F
C
(8)
(1) & (6) & (12)
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com