Electronic Components Datasheet Search
  English  ▼

X  

HT45F77 Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 203 page
background image
Rev. 1.20
10�
De�e��e� 1�� 201�
Rev. 1.20
105
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Analog to Digital Converter – ADC
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Data Rate Definition
Thedelta-sigmaADCdataratecanbecalculatedbytheequationlistbelow:
DataRate=(ADCclock)/(FLMS[2:0]×ADOR[2:0])
WhereADCclockcomesfromfMCLK,andFLMS[2:0]selectADCmodeanddefineaconstant
numberwhichcanonlybe30or12,finallyADOR[2:0]definechopperaveragefunctionandOver-
SamplingRating(OSR).
Forexample,ifadatarateof10Hzisdesired.Youcanhavea4.8MHzADCclock,thenset
FLMS[2:0]=000b(ADCoutputinnormalmodeandclockdividedby30);finallysetADOR[2:0]=
001btodefinechopper=2andOSR=8192.
ThusDataRate=4.8MHz/(30×2×8192)=10Hz
Inaddition,theA/Dconvertercanprovideadatarateof3.2kHztouseforautopoweron.
A/D Overview
Thisdevicecontainsahighaccuracymulti-channel20-bitdelta-sigmaanalog-to-digital(ΔΣA/D)
converterwhichcandirectlyinterfacetoexternalanalogsignals,suchasthatfromsensorsorother
controlsignalsandconvertthesesignalsdirectlyintoa20-bitdigitalvalue.
Inaddition,thePGAgaincontrol,ADCgaincontrolandADCreferencegaincontroldetermine
theamplificationgainforADCinputsignal.Thedesignercanselectthebestgaincombinationfor
thedesiredamplificationappliedtotheinputsignal.Thefollowingblockdiagramillustratesthe
ADCbasicoperationalfunction.TheADCinputchannelcanbearrangedastwodifferentialinput
channels.TheinputsignalcanbeamplifiedbyPGAbeforeenteringthe20-bitdelta-sigmaADC.
TheΔΣADCmodulatorwilloutputonebitconverteddatatoSINCfilterwhichcantransformthe
convertedone-bitdatato20bitsandstorethemintothespecificdataregisters.Additionally,this
devicealsoprovidesatemperaturesensortocompensatetheA/Dconverterdeviationcausedbythe
temperature.Withhighaccuracyandperformance,thisdeviceisverysuitablefortheWeightScale
relatedproducts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com