Electronic Components Datasheet Search
  English  ▼

X  

HT45F77 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 203 page
background image
Rev. 1.20
2�
De�e��e� 1�� 201�
Rev. 1.20
25
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Table Program Example
Thefollowingexampleshowshowthetablepointerandtabledataisdefinedandretrievedfromthe
microcontroller.ThisexampleusesrawtabledatalocatedintheProgramMemorywhichisstored
thereusingtheORGstatement.ThevalueatthisORGstatementis"1F00H"whichreferstothestart
addressofthelastpagewithinthe8KProgramMemoryofthemicrocontroller.Thetablepointer
issetupheretohaveaninitialvalueof"06H".Thiswillensurethatthefirstdatareadfromthedata
tablewillbeattheProgramMemoryaddress"1F06H"or6locationsafterthestartofthelastpage.
NotethatthevalueforthetablepointerisreferencedtothefirstaddressspecifiedbyTBLPand
TBHPifthe"TABRD[m]"or"LTABRD[m]"instructionisbeingused.Thehighbyteofthetable
datawhichinthiscaseisequaltozerowillbetransferredtotheTBLHregisterautomaticallywhen
the"TABRD[m]"or"LTABRD[m]"instructionisexecuted.
BecausetheTBLHregisterisread/writeregisterandcanberestored,careshouldbetakentoensure
itsprotectionifboththemainroutineandInterruptServiceRoutineusetablereadinstructions.If
usingthetablereadinstructions,theInterruptServiceRoutinesmaychangethevalueoftheTBLH
andsubsequentlycauseerrorsifusedagainbythemainroutine.Asaruleitisrecommendedthat
simultaneoususeofthetablereadinstructionsshouldbeavoided.However,insituationswhere
simultaneoususecannotbeavoided,theinterruptsshouldbedisabledpriortotheexecutionofany
mainroutinetable-readinstructions.Notethatalltablerelatedinstructionsrequiretwoinstruction
cyclestocompletetheiroperation.
Table Read Program Example
tempreg1 db ?
; temporary register #1
tempreg2 db ?
; temporary register #2
:
:
mov a,06h
; initialise low table pointer - note that this address is referenced
mov tblp,a
; to the last page or the page that tbhp pointed
mov a,1Fh
; initialise high table pointer
mov tbhp,a
:
:
tabrd tempreg1
; transfers value in table referenced by table pointer data at program
; memory address "1F06H" transferred to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrd tempreg2
; transfers value in table referenced by table pointer
; data at program memory address "1F05H" transferred to
; tempreg2 and TBLH in this example the data "1AH" is
; transferred to tempreg1 and data "1FH" to register tempreg2
:
:
org 1F00h
; sets initial address of program memory
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com