Electronic Components Datasheet Search
  English  ▼

X  

HT45F77 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 203 page
background image
Rev. 1.20
1�
De�e��e� 1�� 201�
Rev. 1.20
15
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
IDD3
Ope�ating Cu��ent
(HXT� fSYS=fL�
fS=fSUB=fLXT o� fLIRC)
3V No load� fH=12MHz� fL=fH/2� ADC off�
WDT ena�le
─
0.9
1.5
�A
5V
─
2.1
3.3
�A
3V No load� fH=12MHz� fL=fH/�� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le
─
0.�
1.0
�A
5V
─
1.�
2.5
�A
3V No load� fH=12MHz� fL=fH/8� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le
─
0.�8
0.8
�A
5V
─
1.2
2.0
�A
3V No load� fH=12MHz� fL=fH/1�� LDO�
�ha�ge pu�p� ADC off� WDT ena�le
─
0.�2
0.7
�A
5V
─
1.1
1.7
�A
3V No load� fH=12MHz� fL=fH/32� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le
─
0.38
0.�
�A
5V
─
1.0
1.5
�A
3V No load� fH=12MHz� fL=fH/��� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le
─
0.3�
0.55
�A
5V
─
1.0
1.5
�A
IDD�
Ope�ating Cu��ent
(LXT� fSYS= fSUB=fLXT�
fS=fSUB=fLXT)
3V No load� LDO� �ha�ge pu�p� LCD� ADC
off� WDT ena�le� LXTLP=0
─
10
20
μA
5V
─
30
50
μA
3V No load� LDO� �ha�ge pu�p� LCD� ADC
off� WDT ena�le� LXTLP =1
─
10
20
μA
5V
─
30
50
μA
IDD5
Ope�ating Cu��ent
(LIRC� fSYS= fSUB=fLIRC�
fS=fSUB=fLIRC)
3V No load� LDO� �ha�ge pu�p� LCD� ADC
off� WDT ena�le
─
10
20
μA
5V
─
30
50
μA
ISTB1
Stand�y Cu��ent (Idle)
(HXT� fSYS=fH�
fS=fSUB=fLXT o� fLIRC)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=12MHz
─
0.�
1.0
�A
5V
─
1.2
2.0
�A
ISTB2
Stand�y Cu��ent (Idle)
(HXT� fSYS=off� fS=T1)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=12MHz
─
1.3
3.0
μA
5V
─
2.2
5.0
μA
ISTB3
Stand�y Cu��ent (Idle)
(HXT� fSYS=off�
fS=fSUB=fLXT o� fLIRC)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=12MHz
─
1.3
3.0
μA
5V
─
2.2
5.0
μA
ISTB�
Stand�y Cu��ent (Idle)
(HIRC� fSYS=off�
fS=fSUB=fLIRC)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=�.8×3MHz
─
1.3
3.0
μA
5V
─
2.2
5.0
μA
ISTB5
Stand�y Cu��ent (Idle)
(HXT� fSYS=fL�
fS=fSUB=fLXT o� fLIRC)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=12MHz/��
─
0.3�
0.�
�A
5V
─
0.85
1.2
�A
ISTB�
Stand�y Cu��ent (Idle)
(HXT� fSYS=off�
fS=fSUB=fLXT o� fLIRC)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=12MHz/��
─
1.3
3.0
μA
5V
─
2.2
5.0
μA
ISTB7
Stand�y Cu��ent (Idle)
(LXT� fSYS= fSUB=fLXT�
fS=fSUB=fLXT)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=327�8Hz
─
1.9
�.0
μA
5V
─
3.3
7.0
μA
ISTB8
Stand�y Cu��ent (Idle)
(LXT� fSYS=off� fS=T1)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=327�8Hz
─
1.3
3.0
μA
5V
─
2.2
5.0
μA
ISTB9
Stand�y Cu��ent (Idle)
(LXT� fSYS=off�
fS=fSUB=fLXT)
3V No load� syste� HALT� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le�
fSYS=327�8Hz
─
1.3
3.0
μA
5V
─
2..2
5.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com