Electronic Components Datasheet Search
  English  ▼

X  

HT45F77 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 203 page
background image
Rev. 1.20
10
De�e��e� 1�� 201�
Rev. 1.20
11
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Pin Name
Function
OPT
I/T
O/T Descriptions
PC1/TP0_1/
SDI/SDA/SEG1
PC1
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
TP0_1
CTRL0
TM0C0
ST CMOS TM0 input/output
SDI
SIMC0
ST
—
SPI se�ial data input
SDA
SIMC0
ST CMOS I2C data line
SEG1
LCD1
—
CMOS LCD Seg�ent output
PC2/TP0_0/RX/
SEG2
PC2
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
TP0_0
CTRL0
TM0C0
ST CMOS TM0 input/output
RX
UCR1
UCR2
ST
—
UART �e�eive� pin
SEG2
LCD1
—
CMOS LCD Seg�ent output
PC3/TCK0/
TX/SEG3
PC3
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
TCK0
TM0C0
ST
—
TM0 �lo�k input
TX
UCR1
UCR2
—
CMOS UART t�ans�eive� pin
SEG3
LCD1
—
CMOS LCD Seg�ent output
PC�/SEG�
PC�
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG�
LCD1
—
CMOS LCD Seg�ent output
PC5/SEG5
PC5
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG5
LCD1
—
CMOS LCD Seg�ent output
PC�/SEG�
PC�
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG�
LCD1
—
CMOS LCD Seg�ent output
PC7/SEG7
PC7
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG7
LCD1
—
CMOS LCD Seg�ent output
PD0/SEG8
PD0
PDPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG8
LCD2
—
CMOS LCD Seg�ent output
PD1/SEG9
PD1
PDPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG9
LCD2
—
CMOS LCD Seg�ent output
PD2/SEG10
PD2
PDPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG10
LCD2
—
CMOS LCD Seg�ent output
PD3/SEG11
PD3
PDPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG11
LCD2
—
CMOS LCD Seg�ent output
PD�/SEG12
PD�
PDPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG12
LCD2
—
CMOS LCD Seg�ent output
PD5/SEG13
PD5
PDPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG13
LCD2
—
CMOS LCD Seg�ent output
PD�/SEG1�
PD�
PDPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG1�
LCD2
—
CMOS LCD Seg�ent output
PD7/SEG15
PD7
PDPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG15
LCD2
—
CMOS LCD Seg�ent output
PE0/SEG1�
PE0
PEPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG1�
LCD3
—
CMOS LCD Seg�ent output
PE1/SEG17
PE1
PEPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG17
LCD3
—
CMOS LCD Seg�ent output
PE2/SEG18
PE2
PEPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG18
LCD3
—
CMOS LCD Seg�ent output
PE3/SEG19
PE3
PEPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG19
LCD3
—
CMOS LCD Seg�ent output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com