Electronic Components Datasheet Search
  English  ▼

X  

HT66F006 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 109 page
background image
Rev. 1.30
66
���i� ��� �01�
Rev. 1.30
6�
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Counte� Va�ue
0x3FF
CCRP
CCR�
TnON
TnP�U
TnPOL
CCRP Int.
F�ag TnPF
CCR� Int.
F�ag Tn�F
TM O/P Pin
Time
CCR�=0
CCR� = 0
Counte� ove�f�ow
CCR� > 0 Counte� c�ea�ed by CCR� va�ue
Pause
Resume
Sto�
Counte� Resta�t
TnCCLR = 1; TnM [1:0] = 00
Out�ut �in set to
initia� Leve� Low
if TnOC=0
Out�ut Togg�e with
Tn�F f�ag
Note TnIO [1:0] = 10
�ctive High Out�ut se�ect
He�e TnIO [1:0] = 11
Togg�e Out�ut se�ect
Out�ut not affected by
Tn�F f�ag. Remains High
unti� �eset by TnON bit
Out�ut Pin
Reset to Initia� va�ue
Out�ut cont�o��ed by
othe� �in-sha�ed function
Out�ut Inve�ts
when TnPOL is high
TnPF not
gene�ated
No Tn�F f�ag
gene�ated on
CCR� ove�f�ow
Out�ut does
not change
Compare Match Output Mode – TnCCLR=1
Note:1.WithTnCCLR=1,aComparatorAmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybytheTnAFflag
3.TheoutputpinisresettoitsinitialstatebyaTnONbitrisingedge
4.TheTnPFflagisnotgeneratedwhenTnCCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com