Electronic Components Datasheet Search
  English  ▼

X  

HT66F006 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
Rev. 1.30
8
���i� ��� �01�
Rev. 1.30
9
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Pin Description
Withtheexceptionofthepowerpins,allpinsonthesedevicescanbereferencedbytheirPortname,
e.g.PA.0,PA.1etc,whichrefertothedigitalI/Ofunctionofthepins.HoweverthesePortpinsare
alsosharedwithotherfunctionsuchastheAnalogtoDigitalConverter,TimerModulepinsetc.
Thefunctionofeachpinislistedinthefollowingtable,howeverthedetailsbehindhoweachpinis
configurediscontainedinothersectionsofthedatasheet.
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
P�0~P��
Po�t �
P�WU
P�PU
ST
CMOS
—
�N0~�N3
�/D Conve�te� in�ut
�CER
�N
—
P�0~P�3
VREF
�/D Conve�te� �efe�ence in�ut �DCR1
�N
—
P�1
TCK0
TM0 in�ut
PRM
ST
—
P�6 o� P��
TCK1
TM1 in�ut
PRM
ST
—
P�� o� P�4 o� P��
TP0_0
TM0 I/O
PRM
ST
CMOS P�� o� P�0
TP0_1
TM0 I/O
PRM
ST
CMOS P�5 o� P�1
TP1_0
TM1 I/O
PRM
ST
CMOS P�� o� P�6
TP1_1
TM1 I/O
PRM
ST
CMOS P�4
INT
Exte�na� Inte��u�t
INTC0
INTEG
ST
—
P�� o� P�5 o� P�3 o� P��
OSC1
HXT �in
CO
HXT
—
P�6
OSC�
HXT �in
CO
—
HXT P�5
VDD
Powe� su���y*
—
PWR
—
—
�VDD
�/D Conve�te� �owe� su���y*
—
PWR
—
—
VSS
G�ound**
—
PWR
—
—
�VSS
�/D Conve�te� g�ound**
—
PWR
—
—
Note:I/T:Inputtype; O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;
CO:Configurationoption; ST:SchmittTriggerinput
CMOS:CMOSoutput;
AN:Analoginputpin
HXT:Highfrequencycrystaloscillator
*:VDDisthedevicepowersupplywhileAVDDistheADCpowersupply.TheAVDDpinis
bondedtogetherinternallywithVDD.
**:VSSisthedevicegroundpinwhileAVSSistheADCgroundpin.TheAVSSpinisbonded
togetherinternallywithVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com