Electronic Components Datasheet Search
  English  ▼

X  

HT66F006 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
Rev. 1.30
1�
���i� ��� �01�
Rev. 1.30
13
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIL1
In�ut Low Vo�tage fo� I/O Po�ts
o� In�ut Pins
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD
V
VIH1
In�ut High Vo�tage fo� I/O Po�ts
o� In�ut Pins
5V
—
3.5
—
5.0
V
—
—
0.8VDD
—
VDD
V
IOL
I/O Po�t Sink Cu��ent
3V VOL=0.1VDD
4
8
—
m�
5V VOL=0.1VDD
10
�0
—
m�
IOH
I/O Po�t� Sou�ce Cu��ent
3V VOH=0.9VDD
-�
-4
—
m�
5V VOH=0.9VDD
-5
-10
—
m�
RPH
Pu��-high Resistance fo� I/O Po�ts
3V
—
�0
60
100
kΩ
5V
—
10
30
50
kΩ
A.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
O�e�ating C�ock
�.�V~5.5V
—
DC
—
8
MHz
�.�V~5.5V
—
DC
—
1�
MHz
3.3V~5.5V
—
DC
—
16
MHz
4.5V~5.5V
—
DC
—
�0
MHz
fSYS
System C�ock (HXT)
�.�V~5.5V
—
0.4
—
8
MHz
�.�V~5.5V
—
0.4
—
1�
MHz
3.3V~5.5V
—
0.4
—
16
MHz
4.5V~5.5V
—
0.4
—
�0
MHz
fHIRC
System C�ock (HIRC)
3V/5V
Ta=�5°C
-�%
4
+�%
MHz
3V/5V
Ta=�5°C
-�%
8
+�%
MHz
5V
Ta=�5°C
-�%
1�
+�%
MHz
3V/5V
Ta=0~�0°C
-5%
4
+5%
MHz
3V/5V
Ta=0~�0°C
-5%
8
+4%
MHz
5V
Ta=0~�0°C
-5%
1�
+3%
MHz
�.�V~3.6V Ta=0~�0°C
-�%
4
+�%
MHz
3.0V~5.5V Ta=0~�0°C
-5%
4
+9%
MHz
�.�V~3.6V Ta=0~�0°C
-6%
8
+4%
MHz
3.0V~5.5V Ta=0~�0°C
-4%
8
+9%
MHz
3.0V~5.5V Ta=0~�0°C
-6%
1�
+�%
MHz
�.�V~3.6V Ta=-40°C~85°C
-1�%
4
+8%
MHz
3.0V~5.5V Ta=-40°C~85°C
-10%
4
+9%
MHz
�.�V~3.6V Ta=-40°C~85°C
-15%
8
+5%
MHz
3.0V~5.5V Ta=-40°C~85°C
-8%
8
+9%
MHz
3.0V~5.5V Ta=-40°C~85°C
-1�%
1�
+�%
MHz
fTIMER
Time� I/P F�equency
�.�~5.5V
—
�
—
8
MHz
�.�~5.5V
—
�
—
10
MHz
3.3~5.5V
—
�
—
1�
MHz
4.5~5.5V
—
�
—
16
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com