Electronic Components Datasheet Search
  English  ▼

X  

HT66F006 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
Rev. 1.30
�0
���i� ��� �01�
Rev. 1.30
�1
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Analog to Digital Converter
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Overview
Thedevicescontainamulti-channelanalogtodigitalconverterwhichcandirectlyinterfaceto
externalanalogsignals,suchasthatfromsensorsorothercontrolsignalsandconvertthesesignals
directlyintoa12-bitdigitalvalue.
Part No.
Input Channels
A/D Channel Select Bits
Input Pins
HT66F005/HT66F006
4
�CS4� �CS1~�CS0
�N0~�N3
TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together
withitsassociatedregisters.
A/ D Co nv er te r
PA0 /A N0
PA1 /A N1
PA2 /A N2
PA3 /A N3
A/ D Re fe re nc e Vo lt ag e
A DRL
A DRH
A/ D Da ta
Re gi st er s
V1 25 EN
ST AR T EO CB AD OF F
V SS
PA 1/ VR EF
A DCK 2~ AD CK 0
f SY S
AC E3 ~A CE 0
AC S4 , AC S1 ~A CS 0
1. 25V
A/ D Cl oc k
V DD
AD OF F
Bi t
VR EF S
Bi t
A DRF S
bi t
¸ 2 N
(N =0 ~6 )
A/D Converter Structure
A/D Converter Register Description
OveralloperationoftheA/Dconverteriscontrolledusingfiveregisters.Areadonlyregisterpair
existstostoretheADCdata12-bitvalue.Theremainingthreeregistersarecontrolregisterswhich
setuptheoperatingandcontrolfunctionoftheA/Dconverter.
Register Name
Bit
7
6
5
4
3
2
1
0
�DRL(�DRFS=0)
D3
D�
D1
D0
—
—
—
—
�DRL(�DRFS=1)
D�
D6
D5
D4
D3
D�
D1
D0
�DRH(�DRFS=0)
D11
D10
D9
D8
D�
D6
D5
D4
�DRH(�DRFS=1)
—
—
—
—
D11
D10
D9
D8
�DCR0
ST�RT
EOCB
�DOFF �DRFS
—
—
�CS1
�CS0
�DCR1
�CS4
V1�5EN
—
VREFS
—
�DCK� �DCK1 �DCK0
�CER
—
—
—
—
�CE3
�CE�
�CE1
�CE0
A/D Converter Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com