Electronic Components Datasheet Search
  English  ▼

X  

HT66F006 Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 98Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
Rev. 1.30
94
���i� ��� �01�
Rev. 1.30
95
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Mnemonic
Description
Cycles
Flag Affected
Data Move
MOV ��[m]
Move Data Memo�y to �CC
1
None
MOV [m]��
Move �CC to Data Memo�y
1Note
None
MOV ��x
Move immediate data to �CC
1
None
Bit Operation
CLR [m].i
C�ea� bit of Data Memo�y
1Note
None
SET [m].i
Set bit of Data Memo�y
1Note
None
Branch Operation
JMP add�
Jum� unconditiona��y
�
None
SZ [m]
Ski� if Data Memo�y is ze�o
1Note
None
SZ� [m]
Ski� if Data Memo�y is ze�o with data movement to �CC
1Note
None
SZ [m].i
Ski� if bit i of Data Memo�y is ze�o
1Note
None
SNZ [m].i
Ski� if bit i of Data Memo�y is not ze�o
1Note
None
SIZ [m]
Ski� if inc�ement Data Memo�y is ze�o
1Note
None
SDZ [m]
Ski� if dec�ement Data Memo�y is ze�o
1Note
None
SIZ� [m]
Ski� if inc�ement Data Memo�y is ze�o with �esu�t in �CC
1Note
None
SDZ� [m]
Ski� if dec�ement Data Memo�y is ze�o with �esu�t in �CC
1Note
None
C�LL add�
Sub�outine ca��
�
None
RET
Retu�n f�om sub�outine
�
None
RET ��x
Retu�n f�om sub�outine and �oad immediate data to �CC
�
None
RETI
Retu�n f�om inte��u�t
�
None
Table Read Operation
T�BRD [m]
Read table (specific page) to TBLH and Data Memory
�Note
None
T�BRDC [m]
Read tab�e (cu��ent �age) to TBLH and Data Memo�y
�Note
None
T�BRDL [m]
Read tab�e (�ast �age) to TBLH and Data Memo�y
�Note
None
Miscellaneous
NOP
No o�e�ation
1
None
CLR [m]
C�ea� Data Memo�y
1Note
None
SET [m]
Set Data Memo�y
1Note
None
CLR WDT
C�ea� Watchdog Time�
1
TO� PDF
CLR WDT1
P�e-c�ea� Watchdog Time�
1
TO� PDF
CLR WDT�
P�e-c�ea� Watchdog Time�
1
TO� PDF
SW�P [m]
Swa� nibb�es of Data Memo�y
1Note
None
SW�P� [m]
Swa� nibb�es of Data Memo�y with �esu�t in �CC
1
None
H�LT
Ente� �owe� down mode
1
TO� PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,ifno
skiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe“CLRWDT1”and“CLRWDT2”instructionstheTOandPDFflagsmaybeaffectedbythe
executionstatus.TheTOandPDFflagsareclearedafterboth“CLRWDT1”and“CLRWDT2”
instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremainunchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com