Electronic Components Datasheet Search
  English  ▼

X  

HT66F006 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
Rev. 1.30
�4
���i� ��� �01�
Rev. 1.30
�5
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
ADCR1 Register
Bit
7
6
5
4
3
2
1
0
Name
�CS4
V1�5EN
—
VREFS
—
�DCK�
�DCK1
�DCK0
R/W
R/W
R/W
—
R/W
—
R/W
R/W
R/W
POR
0
0
—
0
—
0
0
0
Bit7
ACS4:SelectInternal1.25VbandgapvoltageasADCinput
0:Disable
1:Enable
Thisbitenablesthe1.25VbandgapvoltagetobeconnectedtotheA/Dconverter.The
V125ENbitmustfirsthavebeensettoenablethebandgapcircuit1.25Vvoltagetobe
usedbytheA/Dconverter.WhentheACS4bitissethigh,thebandgap1.25Vvoltage
willberoutedtotheA/DconverterandtheotherA/Dinputchannelsdisconnected.
Bit6
V125EN:Internal1.25VControl
0:Disable
1:Enable
ThisbitcontrolstheinternalBandgapcircuiton/offfunctiontotheA/Dconverter.
Whenthebitissethighthebandgapvoltage1.25VcanbeusedasanA/Dconverter
input.Ifthebandgapvoltage1.25VisnotusedbytheA/DconverterandtheLVR/LVD
functionisdisabledthenthebandgapreferencecircuitwillbeautomaticallyswitched
offtoconservepower.When1.25VisswitchedonforusebytheA/Dconverter,atime
tBGshouldbeallowedforthebandgapcircuittostabilisebeforeimplementinganA/D
conversion.
Bit5
Unimplemented,readas"0"
Bit4
VREFS:SelectADCreferencevoltage
0:InternalADCpower
1:VREFpin
ThisbitisusedtoselectthereferencevoltagefortheA/Dconverter.Ifthebitishigh,
thentheA/DconverterreferencevoltageissuppliedontheexternalVREFpin.Ifthe
pinislow,thentheinternalreferenceisusedwhichistakenfromthepowersupplypin
VDD.
Bit3
Unimplemented,readas"0"
Bit2~0
ADCK2, ADCK1, ADCK0:SelectADCclocksource
000:fSYS
001:fSYS/2
010:fSYS/4
011:fSYS/8
100:fSYS/16
101:fSYS/32
110:fSYS/64
111:Undefined
ThesethreebitsareusedtoselecttheclocksourcefortheA/Dconverter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com