Electronic Components Datasheet Search
  English  ▼

X  

HT66F006 Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 95Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
Rev. 1.30
90
���i� ��� �01�
Rev. 1.30
91
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Configuration Options
ConfigurationoptionsrefertocertainoptionswithintheMCUthatareprogrammedintothedevice
duringtheprogrammingprocess.Duringthedevelopmentprocess,theseoptionsareselectedusing
theHT-IDEsoftwaredevelopmenttools.Astheseoptionsareprogrammedintothedeviceusing
thehardwareprogrammingtools,oncetheyareselectedtheycannotbechangedlaterusingthe
applicationprogram.Alloptionsmustbedefinedforpropersystemfunction,thedetailsofwhichare
showninthetable.
No.
Options
Oscillator Option
1
High S�eed / Low S�eed System Osci��ato� Se�ection – fOSC:
HIRC+LIRC�
HXT+LIRC
Watchdog Option
�
Watchdog Time�:Enab�e/Disab�e
��ways enab�ed
Softwa�e cont�o��ed
Application Circuits
OS C1
OS C2
OS C
Ci rc ui t
Se e O sc illa to r
Se ct io n
AN 0~ AN 3
PA 0~ PA 7
VD D
VSS
0. 1 m F
V DD
0. 01 m F* *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com