Electronic Components Datasheet Search
  English  ▼

X  

HT66F006 Datasheet(PDF) 108 Page - Holtek Semiconductor Inc

Part # HT66F006
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F006 Datasheet(HTML) 108 Page - Holtek Semiconductor Inc

Back Button HT66F006 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F006 Datasheet HTML 109Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 108 / 109 page
background image
Rev. 1.30
108
���i� ��� �01�
Rev. 1.30
109
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
10-pin MSOP Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
�
—
—
0.043
�1
0.000
—
0.006
��
0.030
0.033
0.03�
B
0.00�
—
0.013
C
0.003
—
0.009
D
—
0.118 BSC
—
E
—
0.193 BSC
—
E1
—
0.118 BSC
—
e
—
0.0�0 BSC
—
L
0.016
0.0�4
0.031
L1
—
0.03� BSC
—
y
—
0.004
—
θ
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
�
—
—
1.10
�1
0.00
—
0.15
��
0.�5
0.85
0.95
B
0.1�
—
0.33
C
0.08
—
0.�3
D
—
3.00 BSC
—
E
—
4.90 BSC
—
E1
—
3.00 BSC
—
e
—
0.50 BSC
—
L
0.40
0.60
0.80
L1
—
0.95 BSC
—
y
—
0.10
—
θ
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com