Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU366LE Datasheet(PDF) 15 Page - ATMEL Corporation

Part # PC755CVGU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU366LE Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button PC755CVGU366LE Datasheet HTML 11Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 12Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 13Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 14Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 15Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 16Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 17Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 18Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
15
PC755/745
2138D–HIREL–06/03
Figure 5 shows the allowable undershoot and overshoot voltage on the PC755 and
PC745.
Figure 5. Overshoot/Undershoot Voltage
The PC755 provides several I/O voltages to support both compatibility with existing sys-
tems and migration to future systems. The PC755 core voltage must always be provided
at nominal 2.0V (see Table 5 for actual recommended core voltage). Voltage to the L2
I/Os and Processor Interface I/Os are provided through separate sets of supply pins and
may be provided at the voltages shown in Table 4. The input voltage threshold for each
bus is selected by sampling the state of the voltage select pins BVSEL and L2VSEL dur-
ing operation. These signals must remain stable during part operation and cannot
change. The output voltage will swing from GND to the maximum voltage applied to the
OV
DD or L2OVDD power pins.
Table 4 describes the input threshold voltage setting.
Notes:
1. Caution: The input threshold selection must agree with the OV
DD/L2OVDD voltages supplied.
2. The input threshold settings above are different for all revisions prior to Rev. 2.8 (Rev. E). For more information, contact your
local Atmel sales office.
(L2) OVDD +20%
(L2) OVDD +5%
(L2) OVDD
Gnd - 1.0V
Gnd - 0.3V
Gnd
VIH
Not to exceed 10%
of tSYSCLK
VIL
Table 4. Input Threshold Voltage Setting
Part Revision
BVSEL Signal
Processor Bus Interface Voltage
L2VSEL Signal
L2 Bus Interface Voltage
E
0
Not Available
0
Not Available
1
2.5V/3.3V
1
2.5V/3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com