Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU366LE Datasheet(PDF) 4 Page - ATMEL Corporation

Part # PC755CVGU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU366LE Datasheet(HTML) 4 Page - ATMEL Corporation

  PC755CVGU366LE Datasheet HTML 1Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 2Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 3Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 4Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 5Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 6Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 7Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 8Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
PC755/745
2138D–HIREL–06/03
–
Single-cycle arithmetic, shifts, rotates, logical
–
Multiply and divide support (multi-cycle)
–
Early out multiply
•
Floating-point Unit and a 32-entry FPR File
–
Support for IEEE-754 standard single and double precision floating point
arithmetic
–
Hardware support for divide
–
Hardware support for denormalized numbers
–
Single-entry reservation station
–
Supports non-IEEE mode for time-critical operations
•
System Unit
–
Executes CR logical instructions and miscellaneous system instructions
–
Special register transfer instructions
•
Load/Store Unit
–
One cycle load or store cache access (byte, half-word, word, double-word)
–
Effective address generation
–
Hits under misses (one outstanding miss)
–
Single-cycle unaligned access within double word boundary
–
Alignment, zero padding, sign extend for integer register file
–
Floating point internal format conversion (alignment, normalization)
–
Sequencing for load/store multiples and string operations
–
Store gathering
–
Cache and TLB instructions
–
Big and Little-endian byte addressing supported
–
Misaligned Little-endian supported
–
Level 1 Cache structure
–
32K, 32 bytes line, 8-way set associative instruction cache (iL1)
–
32K, 32 bytes line, 8-way set associative data cache (dL1)
–
Cache locking for both instruction and data caches, selectable by group of
ways
–
Single-cycle cache access
–
Pseudo least-recently used (PLRU) replacement
–
Copy-back or Write Through data cache (on a page per page basis)
–
Supports all PowerPC memory coherency modes
–
Non-Blocking instruction and data cache (one outstanding miss under hits)
–
No snooping of instruction cache
•
Level 2 (L2) Cache Interface (not implemented on PC745)
–
Internal L2 cache controller and tags; external data SRAMs
–
256K, 512K, and 1-Mbyte 2-way set associative L2 cache support
–
Copyback or write-through data cache (on a page basis, or for all L2)
–
Instruction-only mode and data-only mode.
–
64 bytes (256K/512K) or 128 bytes (1M) sectored line size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com