Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU366LE Datasheet(PDF) 16 Page - ATMEL Corporation

Part # PC755CVGU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU366LE Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button PC755CVGU366LE Datasheet HTML 12Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 13Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 14Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 15Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 16Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 17Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 18Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 19Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
PC755/745
2138D–HIREL–06/03
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2. Revisions prior to Rev. 2.8 (Rev. E) offered different I/O voltage support.
3. 2.0V nominal.
4. 2.5V nominal.
5. 3.3V nominal.
Thermal Characteristics
Package Characteristics
Table 6 provides the package thermal characteristics for the PC755.
Notes:
1. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) tempera-
ture, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3. Per JEDEC JESD51-6 with the board horizontal.
Table 5. Recommended Operating Conditions
(1)
Recommended Value
Unit
300 MHz, 350 MHz
400 MHz
Characteristic
Symbol
Min
Max
Min
Max
Core supply voltage(3)
V
DD
1.80
2.10
1.90
2.10
V
PLL supply voltage(3)
AVDD
1.80
2.10
1.90
2.10
V
L2 DLL supply voltage(3)
L2AV
DD
1.80
2.10
1.90
2.10
V
Processor bus supply voltage(2)(4)(5)
BVSEL = 1
OVDD
2.375
2.625
2.375
2.625
V
3.135
3.465
3.135
3.465
V
L2 bus supply voltage(2)(4)(5)
L2VSEL = 1
L2OV
DD
2.375
2.625
2.375
2.625
V
3.135
3.465
3.135
3.465
V
Input voltage
Processor bus
V
in
GND
OVDD
GND
OVDD
V
L2 Bus
V
in
GND
L2OV
DD
GND
L2OV
DD
V
JTAG Signals
V
in
GND
OVDD
GND
OVDD
V
Die-junction temperature
Military temperature range
T
j
-55
125
-55
125
°C
Industrial temperature
T
j
-40
110
-40
110
°C
Table 6. Package Thermal Characteristics
Characteristic
Symbol
Value
Unit
PC755
CBGA
PC755
PBGA
PC745
PBGA
Junction-to-ambient thermal resistance, natural convection(1)(2)
R
θ
JA
24
31
34
°C/W
Junction-to-ambient thermal resistance, natural convection, four-layer
(2s2p) board(1)(3)
R
θ
JMA
17
25
26
°C/W
Junction-to-ambient thermal resistance, 200 ft./min. airflow, single-layer
(1s) board(1)(3)
R
θ
JMA
18
25
27
°C/W
Junction-to-ambient thermal resistance, 200 ft./min. airflow, four-layer
(2s2p) board(1)(3)
R
θ
JMA
14
21
22
°C/W
Junction-to-board thermal resistance(4)
R
θ
JB
8
17
17
°C/W
Junction-to-case thermal resistance(5)
R
θ
JC
< 0.1
< 0.1
< 0.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com