| Electronic Components Datasheet Search |
|
PC755CVGU366LE Datasheet(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC755CVGU366LE Datasheet(HTML) 28 Page - ATMEL Corporation |
|
28 / 50 page ![]() 28 PC755/745 2138D–HIREL–06/03 Figure 13 provides the input/output timing diagram for the PC755. Figure 13. Input/Output Timing Diagram L2 Clock AC Specifications The L2CLK frequency is programmed by the L2 Configuration Register (L2CR[4:6]) core-to-L2 divisor ratio. See Table 15 for example core and L2 frequencies at various divisors. Table 15 provides the potential range of L2CLK output AC timing specifications as defined in Figure 14. The minimum L2CLK frequency of Table 15 is specified by the maximum delay of the internal DLL. The variable-tap DLL introduces up to a full clock period delay in the L2CLKOUTA, L2CLKOUTB, and L2SYNC_OUT signals so that the returning L2SYNC_IN signal is phase aligned with the next core clock (divided by the L2 divisor ratio). Do not choose a core-to-L2 divisor which results in an L2 frequency below this minimum, or the L2CLKOUT signals provided for SRAM clocking will not be phase aligned with the PC755 core clock at the SRAMs. The maximum L2CLK frequency shown in Table 15 is the core frequency divided by one. Very few L2 SRAM designs will be able to operate in this mode. Most designs will select a greater core-to-L2 divisor to provide a longer L2CLK period for read and write access to the L2 SRAMs. The maximum L2CLK frequency for any application of the PC755 will be a function of the AC timings of the PC755, the AC timings for the SRAM, bus loading, and printed circuit board trace length. SYSCLK ALL INPUTS VM VM = Midpoint Voltage (OVDD/2 or Vin/2) ALL OUTPUTS VM (Except TS, ABB, ARTRY, DBB) TS,ABB,DBB ARTRY VM tIVKH tIXKH tKHOE tKHOV tKHOX tKHABPZ tKHOV tKHOX tKHOZ tKHARPZ tKHOV tKHOX tKHARP tKHOV tKHOZ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |