Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU366LE Datasheet(PDF) 31 Page - ATMEL Corporation

Part # PC755CVGU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU366LE Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button PC755CVGU366LE Datasheet HTML 27Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 28Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 29Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 30Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 31Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 32Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 33Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 34Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31
PC755/745
2138D–HIREL–06/03
Notes:
1. Rise and fall times for the L2SYNC_IN input are measured from 20% to 80% of L2OVDD.
2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising edge of
the input L2SYNC_IN (see Figure 8). Input timings are measured at the pins.
3. All output specifications are measured from the midpoint voltage of the rising edge of L2SYNC_IN to the midpoint of the sig-
nal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50
Ω load (See
Figure 10).
4. The outputs are valid for both single-ended and differential L2CLK modes. For pipelined registered synchronous Bur-
stRAMs, L2CR[14
-15] = 01 or 10 is recommended. For pipelined late write synchronous BurstRAMs, L2CR[14-15] = 11 is
recommended.
5. Guaranteed by design and characterization.
6. Revisions prior to Rev 2.8 (Rev E) were limited in performance.and did not conform to this specification. Contact your local
Atmel sales office for more information.
Figure 15 shows the L2 bus input timing diagrams for the PC755.
Figure 15. L2 Bus Input Timing Diagrams
Figure 16 shows the L2 bus output timing diagrams for the PC755.
Figure 16. L2 Bus Output Timing Diagrams
Figure 17 provides the AC test load for L2 interface of the PC755.
Figure 17. AC Test Load for the L2 Interface
L2SYNC_IN
L2 DATA AND DATA
VM
VM = Midpoint Voltage (L2OVDD/2)
tDVL2CH
tDXL2CH
tL2CR
tL2CF
PARITY INPUTS
L2SYNC_IN
ALL OUTPUTS
VM
VM = Midpoint Voltage (L2OVDD/2)
VM
L2DATA BUS
tL2CHOX
tL2CHOZ
tL2CHOV
OUTPUT
L2OVdd/2
RL = 50Ω
Z0 = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com