Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU366LE Datasheet(PDF) 38 Page - ATMEL Corporation

Part # PC755CVGU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU366LE Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button PC755CVGU366LE Datasheet HTML 34Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 35Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 36Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 37Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 38Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 39Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 40Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 41Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
38
PC755/745
2138D–HIREL–06/03
Figure 25. Mechanical Dimensions and Bottom Surface Nomenclature of the PC745 PBGA
Parameters for the PC755
PBGA
Package Parameter for the
PC755 PBGA
The package parameters are as provided in the following list. The package type is 25 x
25 mm, 360-lead plastic ball grid array (PBGA).
Package outline
25 x 25 mm
Interconnects
360 (19 x 19 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.22 mm
Maximum module height
2.77 mm
Ball diameter
0.75 mm (29.5 mil)
M
Table 1
Millimeters
DIM
Min
Max
A
2.25
2.80
A1
0.50
0.70
A2
1.00
1.20
b
0.60
0.90
D
21.00 BSC
E
21.00 BSC
e
1.27 BSC
0.2
D
2X
A1 CORNER
E
0.2
B
A
A
A1
A2
C
0.15 C
B
C
255X
e
123456789 10 111213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
0.3
C
0.15
b
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A
METALIZED FEATURE WITH VARIOUS
SHAPES. BOTTOM SIDE A1 CORNER IS
DESIGNATED WITH A BALL MISSING
FROM THE ARRAY.
4. CAPACITOR PADS MAY BE UNPOPULATED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com