Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU366LE Datasheet(PDF) 24 Page - ATMEL Corporation

Part # PC755CVGU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU366LE Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button PC755CVGU366LE Datasheet HTML 20Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 21Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 22Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 23Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 24Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 25Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 26Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 27Page - ATMEL Corporation PC755CVGU366LE Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
24
PC755/745
2138D–HIREL–06/03
Electrical
Characteristics
Static Characteristics
Notes:
1. Nominal voltages; See
Table 5 for recommended operating conditions.
2. For processor bus signals, the reference is OV
DD while L2OVDD is the reference for the L2 bus signals.
3. Excludes test signals (LSSD_MODE, L1_TSTCLK, L2_TSTCLK) and IEEE 1149.1 boundary scan (JTAG) signals.
4. Capacitance is periodically sampled rather than 100% tested.
5. The leakage is measured for nominal OV
DD and VDD, or both OVDD and VDD must vary in the same direction (for example,
both OV
DD and VDD vary by either +5% or -5%).
Dynamic Characteristics
After fabrication, parts are sorted by maximum processor core frequency as shown in
the “Clock AC Specifications” Section on page 25 and tested for conformance to the AC
specifications for that frequency. These specifications are for 275, 300, 333 MHz pro-
cessor core frequencies. The processor core frequency is determined by the bus
(SYSCLK) frequency and the settings of the PLL_CFG[0-3] signals. Parts are sold by
maximum processor core frequency.
Table 11. DC Electrical Specifications at Recommended Operating Conditions (see Table 5)
Characteristic
Nominal bus
Voltage(1)
Symbol
Min
Max
Unit
Input high voltage (all inputs except SYSLCK)(2)(3)
2.5
VIH
1.6
(L2)OVDD + 0.3
V
3.3
VIH
2
(L2)OVDD + 0.3
V
Input low voltage (all inputs except SYSLCK)(2)
2.5
V
IL
-0.3
0.6
V
3.3
VIL
-0.3
0.8
V
SYSCLK input high voltage
2.5
KVIH
1.8
OVDD + 0.3
V
3.3
KV
IH
2.4
OV
DD + 0.3
V
SYSCLK input low voltage
2.5
KVIL
-0.3
0.4
V
3.3
KVIL
-0.3
0.4
V
Input leakage current, (2)(3)
VIN = L2OVDD/OVDD
I
in
–
10
µA
Hi-Z (off-state) leakage current, (2)(3)(5)
VIN = L2OVDD/OVDD
I
TSI
–
10
µA
Output high voltage, I
OH = -6 mA
2.5
V
OH
1.7
–
V
3.3
VOH
2.4
–
V
Output low voltage, I
OL = 6 mA
2.5
V
OL
–
0.45
V
3.3
V
OL
–
0.4
V
Capacitance, VIN = 0V, f = 1 MHz
(3)(4)
Cin
–
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com