Electronic Components Datasheet Search
  English  ▼

X  

XC6806 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6806 Datasheet HTML 1Page - Torex Semiconductor XC6806 Datasheet HTML 2Page - Torex Semiconductor XC6806 Datasheet HTML 3Page - Torex Semiconductor XC6806 Datasheet HTML 4Page - Torex Semiconductor XC6806 Datasheet HTML 5Page - Torex Semiconductor XC6806 Datasheet HTML 6Page - Torex Semiconductor XC6806 Datasheet HTML 7Page - Torex Semiconductor XC6806 Datasheet HTML 8Page - Torex Semiconductor XC6806 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
XC6806 Series
Lithium-ion Linear Charger IC with Shutdown and Current Path Function
Equipped with a system power supply function, the XC6806 is a linear charger IC for single-cell lithium ion batteries and lithium
polymer batteries. The current path function gives system power supply priority over charging the lithium ion battery. The charge
current can be adjusted with an external resistance, and an internal limit circuit with an input current of 450mA automatically
reduces the charging current based on the load current that flows to the system.
The lithium ion battery temperature is monitored in conformance with JEITA, and by controlling the charge voltage and charge
current as appropriate for the temperature, the battery can be charged safely. Internal protective functions include the charge
timer, UVLO, thermal control, and reverse current prevention.
Shutdown function completely shuts off power supply from the battery to the system to prevent battery leakage current while
the device is not in use, and this enables longer use of low supply current devices that operate using a small battery.
Charge status, connection status with USB can be confirmed with CSO terminal and PGB terminal.
The IC is mounted in the small, high heat dissipation USP-10B or LGA-10B01 package, and a charging circuit can be designed
with minimal external components.
■
TYPICAL APPLICATON CIRCUIT
ETR25009-001a
■
APPLICATIONS
●
Wearable devices
●
Bluetooth headsets
●
Wireless earphone/Bluetooth earphone
●
Hearing Aid
●
Health care devices
●
IoT sensors
■
FEATURES
Operating Voltage Range
: 4.5 ~ 5.5V
Charge Voltage
: 3.50V ~ 4.45V ± 30mV
Charge Current
: 10mA~385mA
Can be set by external resistance
Input Current Limit
: 450mA, fixed internally
Battery Sink Current
0.1μA (Attached Battery only)
Functions
Protection Function
:
:
:
:
Current Path
JEITA Conforming Thermistor Detect
Shutdown
Charge Timer
:UVLO
: Thermal Control
: Reverse Current Prevention
Operating Ambient Temperature
: -40°C ~ +85°C
Package
: USP-10B, LGA-10B01
Environmentally Friendly
: EU RoHS Compliant, Pb Free
VIN
VSS
BAT
THIN
1μF
OUT
ISET
RSET
VREG
0.1μF
1μF
10kΩ
10μF
CIN
CBAT
CREG
COUT
CSO
PGB
SD
Protection
IC
Li-ion Battery
Thermistor
(NTC)


Similar Part No. - XC6806

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
397Kb / 18P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
397Kb / 18P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC6806

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3813A FUJITSU-MB3813A Datasheet
251Kb / 22P
Lithium Ion Battery Charger DC/DC Converter IC (High Precision with Constant-current Function)
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
Lithium-Ion Linear Battery Charger
logo
Texas Instruments
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Renesas Technology Corp
R2A20056BM RENESAS-R2A20056BM_15 Datasheet
571Kb / 38P
Lithium-Ion Battery Charger IC with Auto Load Current Distribution
logo
Texas Instruments
BQ24232H TI-BQ24232H_15 Datasheet
1Mb / 42P
bq2423xx USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Mitsumi Electronics, Co...
MM3538AL MITSUMI-MM3538AL Datasheet
1Mb / 25P
Linear Charger for 1Cell Li-ion Battery with System-path IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com