Electronic Components Datasheet Search
  English  ▼

X  

XC6806 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6806 Datasheet HTML 1Page - Torex Semiconductor XC6806 Datasheet HTML 2Page - Torex Semiconductor XC6806 Datasheet HTML 3Page - Torex Semiconductor XC6806 Datasheet HTML 4Page - Torex Semiconductor XC6806 Datasheet HTML 5Page - Torex Semiconductor XC6806 Datasheet HTML 6Page - Torex Semiconductor XC6806 Datasheet HTML 7Page - Torex Semiconductor XC6806 Datasheet HTML 8Page - Torex Semiconductor XC6806 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
XC6806 Series
■
BLOCK DIAGRAM
* The diodes above are electrostatic protection diodes and parasitic diodes.
■
PRODUCT CLASSIFICATION
XC6806①②③④⑤⑥-⑦
VIN
VREG
THIN
BAT
OUT
SD
Control
Logic
Control
Logic
Trickle
Complete
Control
Logic
UVLO
Control
Logic
Battery
0 deg.C
10 deg.C
45 deg.C
60 deg.C
Control Logic
Each
Block
ISET
CSO
PGB
VSS
Back Current
Protection
Thermal
Control
Battery Discharge
Control
Recharge
Constant
Voltage
Constant
Voltage
Constant
Voltage
Constant
Current
Constant
Current
Internal
Regulator
Control
Logic
Control
Logic
Control
Logic
Control
Logic
Control
Logic
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
TYPE
A
4 Temperature Monitor (JEITA C
ompliant)
B
3 Temperature Monitor (Semi-custom)
C
2 Temperature Monitor (Semi-custom)
②③④
Charge Voltage
350~445
3.50V~4.45V
⑤⑥
-⑦(*1)
Packages (Order Unit)
DR-G
USP-10B (3000pcs/Reel)(*2)
11-G
LGA-10B01 (5000pcs/Reel)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The reels are shipped in a moisture-proof packing. Please consult with your Torex sales contact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com