Electronic Components Datasheet Search
  English  ▼

X  

XC6806 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6806 Datasheet HTML 1Page - Torex Semiconductor XC6806 Datasheet HTML 2Page - Torex Semiconductor XC6806 Datasheet HTML 3Page - Torex Semiconductor XC6806 Datasheet HTML 4Page - Torex Semiconductor XC6806 Datasheet HTML 5Page - Torex Semiconductor XC6806 Datasheet HTML 6Page - Torex Semiconductor XC6806 Datasheet HTML 7Page - Torex Semiconductor XC6806 Datasheet HTML 8Page - Torex Semiconductor XC6806 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
XC6806
Series
■
ELECTRICAL CHARACTERISTICS
XC6806 Series
Unless otherwise stated, VIN=5V, CIN=CBAT=1μF, COUT=10μF, CREG=0.1μF, Ta=25°C
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Input Voltage
VIN
4.5
5.0
5.5
V
-
Supply Current (*1)
ISS
VIN to VSS
-
200
-
μ
A
①
SD Low Level Voltage
VSDL
-
-
0.3
V
①
SD High Level Voltage
VSDH
1.5
-
-
V
①
SD Pull-down Resistance
RSD
40
100
170
kΩ
①
UVLO Threshold Voltage
VUVLO
Rising
4.1
4.2
4.3
V
①
UVLO Hysteresis Voltage (*1)
VUVLOH
-
100
-
mV
①
Input Current Limit
IINL
405
450
495
mA
①
OUT Regulation Voltage
VOUT
IOUT=200mA, IBAT=0mA
4.5
4.6
4.7
V
①
OUT Regulation Voltage
on Charge Current Reduction
VOCCR
IOUT=200mA,
RSET=0.68kΩ
3.85
3.95
4.05
V
①
Trickle Charge Threshold Voltage
VTRK
Rising
2.8
2.9
3.0
V
①
Trickle Charge Hysteresis Voltage (*1)
VTRKH
-
100
-
mV
①
Charge Voltage
VCV
IBAT=20mA
VCVT
-0.03
VCVT(*2)
VCVT
+0.03
V
①
Charge Voltage on Hot Operation
VCVH
IBAT=20mA, Type A Only
VCVT
-0.18
VCVT
-0.15
VCVT
-0.12
V
①
Recharge Threshold Voltage
VRC
-
VCV -0.1
or
VCVH -0.1
-
V
①
Trickle Charge Current (Min.)
ITRKL
RSET=30kΩ
0.6
1.5
2.4
mA
①
Trickle Charge Current (Max.)
ITRKM
RSET=0.68kΩ
36
45
54
mA
①
Charge Current (Min.)
IBATL
RSET=30kΩ
5
10
15
mA
①
Charge Current (Max.)
IBATM
RSET=0.68kΩ
340
385
430
mA
①
Charge Current on Cold Operation (Min.)
IBATCL
RSET=30kΩ, Type A, B
Only
3
6
9
mA
①
Charge Current on Cold Operation (Max.)
IBATCM
RSET=0.68kΩ, Type A, B
Only
175
200
225
mA
①
Charge Completion Current (Min.)
ICOL
RSET=30kΩ
0.6
1.5
2.4
mA
①
Charge Completion Current (Max.)
ICOM
RSET=0.68kΩ
36
45
54
mA
①
Battery Discharge Threshold Voltage for
OUT Pin
VBD
-
VBAT-0.1
-
V
①
CSO, PGB ON Voltage
VCP
ICSO=IPGB=10mA
-
-
0.5
V
①
CSO, PGB Leakage Current
ILCP
VCSO=VPGB=5.5V
-
-
0.1
μ
A
①
Output Driver ON Resistance
ROUT
-
300
-
mΩ
①
Charge Driver ON Resistance
RCHG
-
300
-
mΩ
①
BAT Sink Current
IBSC
VBAT=4.5V
Charge Completion
-
0.2
1.0
μ
A
①
BAT Sink Current at UVLO
IBAT
VIN=VSD=0V, IOUT=0A
-
0.1
0.5
μ
A
①
BAT Sink Current at Shutdown
IBSD
VIN=VOUT=VSD=0V
after Toggle(L→H→L)
Signal to SD Pin
-
0.1
0.5
μ
A
①
(*1) Design value
(*2) Setting Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com