Electronic Components Datasheet Search
  English  ▼

X  

XC6806 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC6806 Datasheet HTML 8Page - Torex Semiconductor XC6806 Datasheet HTML 9Page - Torex Semiconductor XC6806 Datasheet HTML 10Page - Torex Semiconductor XC6806 Datasheet HTML 11Page - Torex Semiconductor XC6806 Datasheet HTML 12Page - Torex Semiconductor XC6806 Datasheet HTML 13Page - Torex Semiconductor XC6806 Datasheet HTML 14Page - Torex Semiconductor XC6806 Datasheet HTML 15Page - Torex Semiconductor XC6806 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12/22
XC6806 Series
■
OPERATIONAL EXPLANATION (Continued)
<Charge Timing Chart>
VBAT
IBAT(Adjustable)
2.9V
IBAT ×0.1
0V
VCVH
Trickle Charge
Main Charge
Charge Completion
0mA
t
t
V
CV
Charge
Start
Cold
Operation
(Type A, B Only)
Hot
Operation
(Type A Only)
IBAT ×0.5
10°C
0°C
45°C
60°C
Battery
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com