Electronic Components Datasheet Search
  English  ▼

X  

XC6806 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6806 Datasheet HTML 14Page - Torex Semiconductor XC6806 Datasheet HTML 15Page - Torex Semiconductor XC6806 Datasheet HTML 16Page - Torex Semiconductor XC6806 Datasheet HTML 17Page - Torex Semiconductor XC6806 Datasheet HTML 18Page - Torex Semiconductor XC6806 Datasheet HTML 19Page - Torex Semiconductor XC6806 Datasheet HTML 20Page - Torex Semiconductor XC6806 Datasheet HTML 21Page - Torex Semiconductor XC6806 Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19/22
XC6806
Series
●USP-10B Power Dissipation
Power dissipation data for the USP-10B is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1. Measurement Condition (Reference data)
Condition: Mount on a board
Ambient: Natural convection
Soldering: Lead (Pb) free
Board: Dimensions40mm×40mm(1600mm2 in one side)
1st lnner Metal Layer about 50%
2nd lnner Metal Layer does not exist
3rd lnner Metal Layer does not exist
4th lnner Metal Layer about 50%
Each heat sink back metal is connected to the
lnner layers respectively.
Material: Glass Epoxy(FR-4)
Thickness: 1.6mm
Through-hole: 4 × 0.8mm Diameter
Evaluation Board(Unit:mm)
2. Power Dissipation vs. Ambient temperature
Board Mount ( Tjmax = 125℃ )
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
1000
100.00
85
400
0
200
400
600
800
1000
1200
25
45
65
85
105
125
Ambient Temperature Ta (℃)
Pd vs Ta
2.5
28.9
40.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com