Electronic Components Datasheet Search
  English  ▼

X  

XC6806 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6806 Datasheet HTML 10Page - Torex Semiconductor XC6806 Datasheet HTML 11Page - Torex Semiconductor XC6806 Datasheet HTML 12Page - Torex Semiconductor XC6806 Datasheet HTML 13Page - Torex Semiconductor XC6806 Datasheet HTML 14Page - Torex Semiconductor XC6806 Datasheet HTML 15Page - Torex Semiconductor XC6806 Datasheet HTML 16Page - Torex Semiconductor XC6806 Datasheet HTML 17Page - Torex Semiconductor XC6806 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14/22
XC6806 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Charge Current vs. External Resistor (Normal Operation)
(2)
Charge Current vs. Ambient Temperature (Normal Operation)
(3)
Charge Current vs. Ambient Temperature (Normal Operation)
(4) Charge Current vs. Ambient Temperature (Cold Operation)
(5) Charge Current vs. Ambient Temperature (Cold Operation)
-50
-25
0
25
50
75
100
190
195
200
205
210
Ambient Temperature: Ta [°C]
VIN = 5.0 V, VBAT = 3.7 V
RSET = 0.68 kΩ,VTHIN = 2.25 V
0
100
200
300
400
0
10
20
30
40
Charge Current: IBAT [mA]
Ta = -40 °C
Ta = 25 °C
Ta = 85 °C
VIN = 5.0 V, VBAT = 3.7 V
VTHIN = 1.65 V
-50
-25
0
25
50
75
100
350
370
390
410
430
Ambient Temperature: Ta [°C]
VIN = 5.0 V, VBAT = 3.7 V
RSET = 0.68 kΩ,VTHIN = 1.65 V
-50
-25
0
25
50
75
100
8
10
12
14
16
Ambient Temperature: Ta [°C]
VIN = 5.0 V, VBAT = 3.7 V
RSET = 30 kΩ,VTHIN = 1.65 V
-50
-25
0
25
50
75
100
2
4
6
8
10
Ambient Temperature: Ta [°C]
VIN = 5.0 V, VBAT = 3.7 V
RSET = 30 kΩ,VTHIN = 2.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com