Electronic Components Datasheet Search
  English  ▼

X  

XC6806 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6806
Description  Lithium-ion Linear Charger IC with Shutdown and Current Path Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6806 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6806 Datasheet HTML 1Page - Torex Semiconductor XC6806 Datasheet HTML 2Page - Torex Semiconductor XC6806 Datasheet HTML 3Page - Torex Semiconductor XC6806 Datasheet HTML 4Page - Torex Semiconductor XC6806 Datasheet HTML 5Page - Torex Semiconductor XC6806 Datasheet HTML 6Page - Torex Semiconductor XC6806 Datasheet HTML 7Page - Torex Semiconductor XC6806 Datasheet HTML 8Page - Torex Semiconductor XC6806 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
XC6806
Series
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
FUNCTION
PIN NUMBER
PIN NAME
FUNCTIONS
USP-10B
LGA-10B01
1
10
OUT
Output Power to The System
2
9
BAT
Battery Connection
3
8
SD
Shutdown Control
4
7
VSS
Ground
5
6
CSO
Charge Status Output
6
5
PGB
Power Good Status Output
7
4
VREG
Internal Regulator Output
8
3
THIN
Temperature Detection
9
2
ISET
Charge Current Setup
10
1
VIN
Power Supply Input
PIN NAME
SIGNAL
STATUS
SD
Rising Edge at UVLO Detect
Shutdown Function
(Turn off The Pch Driver between the OUT pin and the BAT pin)
Other Signal
Keep The Actual Condition
PGB
ON (Low impedance)
Active (UVLO Release)
OFF (High impedance)
UVLO Detect
CSO
ON (Low impedance)
Trickle Charge, Main Charge
OFF (High impedance)
Charge Completion, Charger Disable
1kHz Oscillation
Abnormal Mode
VIN
OUT
VSS
BAT
SD
CSO
PGB
VREG
THIN
ISET
USP-10B
(BOTTOM VIEW)
1
2
3
4
5
10
9
8
7
6
1
2
3
4
5
6
7
8
9
OUT
VSS
BAT
SD
CSO
VIN
PGB
VREG
THIN
ISET
LGA-10B01
(BOTTOM VIE W)
10
*The dissipation pad for the USP-10B package
should be solder-plated in recommended mount
pattern and metal masking so as to enhance
mounting strength and heat release. When taking
out a potential of the heat-sink, connect with VSS
pin (#4 pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com