Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 5 Page - Analog Devices

  ADF7011 Datasheet HTML 1Page - Analog Devices ADF7011 Datasheet HTML 2Page - Analog Devices ADF7011 Datasheet HTML 3Page - Analog Devices ADF7011 Datasheet HTML 4Page - Analog Devices ADF7011 Datasheet HTML 5Page - Analog Devices ADF7011 Datasheet HTML 6Page - Analog Devices ADF7011 Datasheet HTML 7Page - Analog Devices ADF7011 Datasheet HTML 8Page - Analog Devices ADF7011 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
ADF7011
–5–
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TSSOP
ADF7011
DGND
MUXOUT
TxCLK
TxDATA
LE
RSET
CPVDD
CPGND
CPOUT
CLK
CE
CLKOUT
OSC2
OSC1
VCOGND
TEST
CREG
CVCO
VCOIN
AGND
DVDD
RFGND
RFOUT
DATA
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1RSET
External Resistor to Set Change Pump Current and Some Internal Bias Currents. Use 4.7 k
Ω as default:
I
R
CP MAX
SET
=
95
.
So, with RSET = 4.7 k
Ω, ICP MAX = 2.02 mA.
2
CPVDD
Charge Pump Supply. This should be biased at the same level as RFOUT and DVDD. The pin should be
decoupled with a 0.1
µF capacitor as close to the pin as possible.
3CPGND
Charge Pump Ground.
4CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter. The
integrated current changes the control voltage on the input to the VCO.
5CEChip Enable. A logic low applied to this pin powers down the part. This must be high for the part to
function. This is the only way to power down the regulator circuit.
6
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This is a
high impedance CMOS input.
7
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched
into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
8LELoad Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one
of the four latches, the latch being selected using the control bits.
9
TxDATA
Digital data to be transmitted is input on this pin.
10
TxCLK
GFSK Only. This clock output is used to synchronize microcontroller data to the TxDATA pin of the
ADF7011. The clock is provided at the same frequency as the data rate.
11
MUXOUT
This multiplexer output allows either the digital lock detect (most common), the scaled RF, or the scaled
reference frequency to be accessed externally. Used commonly for system debug. See the Function Regis-
ter Map.
12
DGND
Ground Pin for the RF Digital Circuitry.
13
CLKOUT
The Divided Down Crystal Reference with 50:50 Mark-Space Ratio. May be used to drive the clock
input of a microcontroller. To reduce spurious components in the output spectrum, the sharp edges can
be reduced with a series RC. For 4.8 MHz output clock, a series 50
Ω into 10 pF will reduce spurs to
< –50 dBc. Defaults on power-up to divide by 16.
14
OSC2
Oscillator Pin. If a single-ended reference (such as a TCXO) is used, it should be applied to this pin.
When using an external signal generator, a 51
Ω resistor should be tied from this pin to ground. The
XOE bit in the R register should set high when using an external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com