Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF7011 Datasheet HTML 7Page - Analog Devices ADF7011 Datasheet HTML 8Page - Analog Devices ADF7011 Datasheet HTML 9Page - Analog Devices ADF7011 Datasheet HTML 10Page - Analog Devices ADF7011 Datasheet HTML 11Page - Analog Devices ADF7011 Datasheet HTML 12Page - Analog Devices ADF7011 Datasheet HTML 13Page - Analog Devices ADF7011 Datasheet HTML 14Page - Analog Devices ADF7011 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
ADF7011
–11–
RF N Register
C2 (0) C1 (1)
M1
M12
CONTROL
BITS
12-BIT FRACTIONAL-N
8-BIT INTEGER-N
DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
N8
DB20
DB21
DB23 DB22
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
N1
N2
N3
N4
N5
N6
N7
V1
LDP
THE N VALUE CHOSEN IS A MINIMUM OF
P2 + 3P + 3. FOR PRESCALER = 8/9, THIS
MEANS A MINIMUM N DIVIDE OF 91.
N COUNTER
DIVIDE RATIO
0
0011111
31
0
0100000
32
0
0100001
33
0
0100010
34
.
.......
.
.
.......
.
.
.......
.
1
1111101
253
1
1111110
254
1
1111111
255
N8
N7
N6
N5
N4
N3
N2
N1
MODULUS
DIVIDE RATIO
0
0
0
..........
1
0
0
4
0
0
0
..........
1
0
1
5
0
0
0
..........
1
1
0
6
.
.
.
..........
...
.
.
.
.
..........
...
.
.
.
.
..........
...
.
1
1
1
..........
1
0
0
4092
1
1
1
..........
1
0
1
4093
1
1
1
..........
1
1
0
4094
1
1
1
..........
1
1
1
4095
M12
M11
M10
..........
M3
M2
M1
VCO BAND
(MHz)
0
866–870
1
433–435
LOCK DETECT
PRECISION
0
3 CYCLES < 15ns
1
5 CYCLES < 15ns
e.g., SETTING F = 0 IN FSK MODE TURNS ON THE
- WHILE THE PLL IS AN INTEGER VALUE
e.g., MODULUS DIVIDE RATIO = 2048 –> FRACTION 1/2
LDP
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com