Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7011 Datasheet HTML 13Page - Analog Devices ADF7011 Datasheet HTML 14Page - Analog Devices ADF7011 Datasheet HTML 15Page - Analog Devices ADF7011 Datasheet HTML 16Page - Analog Devices ADF7011 Datasheet HTML 17Page - Analog Devices ADF7011 Datasheet HTML 18Page - Analog Devices ADF7011 Datasheet HTML 19Page - Analog Devices ADF7011 Datasheet HTML 20Page - Analog Devices ADF7011 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
ADF7011
–17–
Voltage Controlled Oscillator (VCO)
An on-chip VCO is included on the transmitter. The VCO con-
verts the control voltage generated by the loop filter into an output
frequency that is sent to the antenna via the power amplifier
(PA). The VCO has a typical gain of 80 MHz/V and operates
from 866 MHz to 870 MHz. The PD1 bit in the function regis-
ter is the active high bit that turns on the VCO. A frequency
divided by 2 is included to allow operation in the lower 450 MHz
band. To enable operation in the lower band, the V1 bit in the
N Register should be set to 1.
The VCO needs an external 220 nF between the VCO and the
regulator to reduce internal noise.
MUX
VCO SELECT BIT
TO PA AND
N DIVIDER
DIVIDE
BY 2
VCO CONTROL BIT
LOOP FILTER
CREG PIN
220nF
VCO
Figure 7. Voltage Controlled Oscillator
RF Output Stage
The RF output stage consists of a DAC with a number of cur-
rent sources to adjust the output power level. To set up the
power level
• FSK GFSK: The output power is set using the modulation
Register by entering a 7-bit number into Bits P1–P7. The
two MSBs set the range of the output stage, while the five
LSBs set the output power in the selected range.
• ASK: The output power as set up for FSK is the output
power for a TxDATA of 1. The output power for a zero
data bit is set up the same way but using Bits D1–D7.
The output stage is powered down by setting Bit PD2 in the
function register to zero.
P5
P1
P7, P6
HIGH
MED
LOW
Figure 8. Output Stage
Serial Interface
The serial interface allows the user to program the four 24-bit
registers using a 3-wire interface (CLK, Data, and Load Enable).
The serial interface consists of a level shifter, a 24-bit shift regis-
ter, and four latches. Signals should be CMOS compatible. The
serial interface is powered by the regulator, and therefore is
inactive when CE is low.
Table I. C2, C1 Truth Table
C2
C1
Data Latch
00
R Register
01
N Register
10
Modulation Register
11
Function Register
Data is clocked into the shift register, MSB first, on the rising
edge of each clock (CLK). Data is transferred to one of four
latches on the rising edge of LE. The destination latch is deter-
mined by the value of the two control bits (C2 and C1). These
are the two LSBs, DB1 and DB0, as shown in the timing dia-
gram of Figure 1.
VDD
RFOUT
PA
L1
C1
50
L2
Figure 9. Output Stage Matching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com