Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7011 Datasheet HTML 3Page - Analog Devices ADF7011 Datasheet HTML 4Page - Analog Devices ADF7011 Datasheet HTML 5Page - Analog Devices ADF7011 Datasheet HTML 6Page - Analog Devices ADF7011 Datasheet HTML 7Page - Analog Devices ADF7011 Datasheet HTML 8Page - Analog Devices ADF7011 Datasheet HTML 9Page - Analog Devices ADF7011 Datasheet HTML 10Page - Analog Devices ADF7011 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
Typical Performance Characteristics–ADF7011
–7–
RL = 10.0dBm
VDD = 3V
PFD FREQUENCY = 19.2MHz
LOOP BW = 100kHz
RBW = 1kHz
868.3MHz
SPAN 5.000MHz
TPC 1. FSK Modulated Signal, FDEVIATION = 58 kHz,
Data Rate = 19.2 kbps, 10 dBm
RL = 10.0dBm
VDD = 3V
PFD FREQUENCY = 19.2MHz
LOOP BW = 1MHz
RBW = 3kHz
868.3MHz
SPAN 500kHz
–2dBm
–36dBm
@ 200kHz
TPC 2. OOK Modulated Signal, Data Rate = 4.8 kbps,
4 dBm
START 800MHz
STOP 7.750GHz
+10dBm
SECOND HARMONIC
–22dBc
THIRD HARMONIC
–34dBc
RBW 1.0MHz
TPC 3. Harmonic Levels at 10 dBm Output Power.
See Figure 15.
30.00 s
851.000MHz
868.000MHz
885.000MHz
5.00 s
–20.00 s
5.00 s/DIV
VDD = 3V
PFD FREQUENCY = 19.2MHz
LOOP BW = 100kHz
TPC 4. PLL Settling Time, 852 MHz to 878 MHz,
23
s (
±400 kHz)
RBW 100kHz
SPAN 50.00MHz
868.3MHz
+10dBm
VDD = 3V
PFD FREQUENCY = 19.2MHz
LOOP BW = 100kHz
RBW = 100kHz
+19.2MHz
–61dBc
TPC 5. PFD Spurious/Fractional Spurious Components
SPAN 10.00kHz
868.3MHz
+10dBm
VDD = 3V
PFD FREQUENCY = 19.2MHz
LOOP BW = 100kHz
RBW = 30Hz
PN @ 4kHz
80dBc/Hz
TPC 6. In-Band Phase Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com