Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF7011 Datasheet HTML 14Page - Analog Devices ADF7011 Datasheet HTML 15Page - Analog Devices ADF7011 Datasheet HTML 16Page - Analog Devices ADF7011 Datasheet HTML 17Page - Analog Devices ADF7011 Datasheet HTML 18Page - Analog Devices ADF7011 Datasheet HTML 19Page - Analog Devices ADF7011 Datasheet HTML 20Page - Analog Devices ADF7011 Datasheet HTML 21Page - Analog Devices ADF7011 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
–18–
ADF7011
16 – j33
868MHz
5.00
1.00
0.50
0.20
0.00
0.0
0.20
0.50
1.00
2.00
30
40
50
60
70
80
90
100
110
120
130
140
150
2.00
5.00
25 – j2.6
433MHz
Figure 10. Output Impedance on Smith Chart
Fractional-N
N Counter and Error Correction
The ADF7011 consists of a 15-bit
-
fractional-N divider.
The N Counter divides the output frequency to the output
stage back to the PFD frequency. It consists of a prescaler,
integer, and fractional part.
The prescaler can be 4/5 or 8/9. A prescaler setting of 8/9 is
recommended for 868 MHz operation. A prescaler setting of
4/5 is recommended for 433 MHz operation.
The output frequency of the PLL is
PFD Frequency
Int
Fractional
Error
×+
×
()+
8
2
15
INTEGER-N
FRACTIONAL-N
R
REFERENCE IN
N
THIRD ORDER
- MODULATOR
PFD/
CHARGE
PUMP
VCO
Figure 11. Fractional-N PLL
Fractional-N Registers
The fractional part is made up of a 15-bit divide, made up of a
12-bit N value in the N register summed with a 10-bit value
(plus sign bit) in the R register that is used for error correction,
as shown in Figure 12.
M12 M11 M10
M9
M8
M7M6
M5M4
M3M2
M1
12-BIT N VALUE
F10
F9
F8
F7F6
F5F4
10-BIT (
SIGN) ERROR CORRECTION
F3
F2
F1
N14
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
15-BIT FRACTIONAL N REGISTER
N2
N1
N0
Figure 12. Fractional Components
The resolution of each register is the smallest amount that the
output frequency can be changed by changing the LSB of the
register.
Changing the Output Frequency
The fractional part of the N register changes the output fre-
quency by
PFD Frequency
Fractional
gister Value
×
Re
2
12
The frequency error correction contained in the R register
changes the output frequency by
PFD Frequency
Error Correction
gister Value
×
Re
2
15
By default, this will be set to 0. The user can calibrate the system
and set this by writing a twos complement number to Bits F1–F11
in the R register. This can be used to compensate for initial error,
temperature drift, and aging effects in the crystal reference.
Integer-N Register
The integer part of the N Counter contains the prescaler and A
and B Counters. It is eight bits wide and offers a divide of
P
2 + 3P + 3 to 255.
The combination of the integer (255) and the fractional (31767/
31768) gives a maximum N Divider of 256. The minimum
usable PFD is
Maximum
quired Output Frequency
Re
255
1
+
()
For use in the European 868 MHz to 870 MHz band, there is a
restriction to using a minimum PFD of 3.4 MHz to allow the
user to have a center frequency of 870 MHz.
PFD Frequency
The PFD frequency is the number of times a comparison is
made between the reference frequency and the feedback signal
from the output.
The higher the PFD frequency, the more often a comparison is
made at the PFD. This means that the frequency lock time will
be reduced when jumping from one frequency to another by
increasing the PFD. Having a PFD of > 5 MHz will reduce the
available output power due to EN300-220 spurious regulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com